Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2232592 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 2232592
Description  Varistors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2232592 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  2232592 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2232592 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2232592 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2232592 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2232592 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2232592 Datasheet HTML 6Page - List of Unclassifed Manufacturers 2232592 Datasheet HTML 7Page - List of Unclassifed Manufacturers 2232592 Datasheet HTML 8Page - List of Unclassifed Manufacturers 2232592 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
1999 May 17
309
BC Components
Product specification
Varistors
2322 592 to 2322 595
MLA703 - 1
A
detail A
H
D0
F
P1
P
0
t
T
A
D
P
∆ p
∆ p
Ø
∆ h
∆ h
d
F
W 1
W 2
W 0 W
Fig.6 Taped version with straight leads (only for 2322 594 and 2322 595 series).
For dimensions, see Table 2.
Fig.7 Taped version with flanged leads (only for 2322 592 and 2322 593 series).
For dimensions, see Table 2.
handbook, full pagewidth
detail A
H 0
Ød
∆ p
∆ p
D
P
P1
F
P0
D0
CCA440
A
∆ h
∆ h
T
A0
W
W
1
W0
W2
t


Similar Part No. - 2232592

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
223253 ERNI-223253 Datasheet
67Kb / 1P
   ERmet Messerleiste B 19
223254 ERNI-223254 Datasheet
78Kb / 1P
   ERmet Messerleiste A
More results

Similar Description - 2232592

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
logo
Semikron International
SKVC20A460C SEMIKRON-SKVC20A460C Datasheet
149Kb / 2P
   VARISTORS
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
SIOV-CT0603M4G EPCOS-SIOV-CT0603M4G Datasheet
131Kb / 15P
   SMD Varistors
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
logo
TDK Electronics
VAR-18078077M3S-K TDK-VAR-18078077M3S-K Datasheet
125Kb / 2P
   Ring Varistors
VAR-18085053M3P-K TDK-VAR-18085053M3P-K Datasheet
222Kb / 2P
   Ring Varistors
VAR-18086032Y3S-K TDK-VAR-18086032Y3S-K Datasheet
125Kb / 2P
   Ring Varistors
VAR-18024053M3P-K TDK-VAR-18024053M3P-K Datasheet
222Kb / 2P
   Ring Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com