Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y1189100R500DM0R Datasheet(PDF) 4 Page - Vishay Siliconix

Part # Y1189100R500DM0R
Description  Bulk Metal® Foil Technology RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y1189100R500DM0R Datasheet(HTML) 4 Page - Vishay Siliconix

  Y1189100R500DM0R Datasheet HTML 1Page - Vishay Siliconix Y1189100R500DM0R Datasheet HTML 2Page - Vishay Siliconix Y1189100R500DM0R Datasheet HTML 3Page - Vishay Siliconix Y1189100R500DM0R Datasheet HTML 4Page - Vishay Siliconix Y1189100R500DM0R Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Military and Space Established Reliability
Vishay Foil Resistors
Bulk Metal® Foil Technology
RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63007
4
Revision: 03-Sep-08
The response of military and non military grade resistors to environmental stresses can be made better by “Improved
Performance Testing” (IPT). The IPT part will see burn-in and cycling that removes the “knee” from the normal drift of non IPT
parts. (See Table 4 for the improvement to expect in military parts when calling for Vishay recommended screening). Users
should be aware that IPT testing renders the part non QPL and so a 3XXXXX part number will be assigned by Vishay. Consult
Applications Engineering for details and ordering advice.
CAGE #18612
“Commercial and Government Entity”
Formerly “FSCM”
TABLE 4 - IMPROVED PERFORMANCE TESTING (NON-QPL APPROVED) VS. QPL
TEST
GROUP
TEST
RNC90Y
MIL-PRF-55182/9
VISHAY
IMPROVED PERFORMANCE
TESTING
(IPT) LIMITS
METHOD PARAGRAPH
LIMITS
I
Power Conditioning
not done
-
± 0.0025 %
Thermal Shock and
4.8.2
-
± 0.0025 %
Overload Combined
4.8.3
± 0.05 %
± 0.0025 %
II
Resistance Temperature
Characteristic
4.8.9
± 5 ppm/°C
< ± 2 ppm/°C
(- 55 °C to + 125 °C)
(Can be sorted for tighter tracking)
Low Temperature Storage
4.8.23
± 0.05 %
± 0.0025 %
Low Temperature Operation
4.8.10
± 0.05 %
± 0.0025 %
Terminal Strength
4.8.11
± 0.02 %
± 0.001 %
III
DWV
4.8.12
± 0.02 %
± 0.001 %
Insulation Resistance
4.8.13
104 M
Ω
> 104 M
Ω
Resistance to Soldering Heat
4.8.14
± 0.02 %
± 0.001 %
Moisture Resistance
4.8.15
± 0.05 %
± 0.015 %
IV
Shock
4.8.16
± 0.01 %
± 0.0025 %
Vibration
4.8.17
± 0.02 %
± 0.0025 %
V
Load Life at + 125 °C; 2000 h
4.8.18
± 0.05 %
± 0.005 % (50 ppm)
Load Life at + 125 °C; 10 000 h
4.8.18
± 0.5 %
± 0.015 % (150 ppm)
V (a)
+ 85 °C Power Rating
-
-
± 0.005 % (50 ppm)
+ 70 °C Power Rating
4.8.18
± 0.05 %
± 0.005 % (50 ppm)
V (b)
+ 25 °C Power Rating
-
-
± 0.005 % (50 ppm)
VI
Storage Life
-
-
± 0.0025 %
VII
High Temperature Exposure
4.8.19
± 0.5 %
± 0.005 %
VIII
Max. Allowance Reactance
-
-
< 1 %
Current Noise
-
-
< - 42 dB
Voltage Coefficient
4.8.20
0.0005 %/V
< 0.00001 %/V
-
(5 ppm/V)
(< 0.1 ppm/V)
Thermal EMF
-
-
0.1 µV/°C
FIGURE 5 - IPT IMPRINTING AND DIMENSIONS in inches (millimeters)
0.150 ± 0.005
(3.81 ± 0.13)
VISHAY
XXXX
3XXXXX
0.015 ± 0.005
(0.381 ± 0.13)
0.326 ± 0.010
(8.28 ± 0.25)
0.300 ± 0.010
(7.62 ± 0.25)
0.105 ± 0.010
(2.67 ± 0.25)
Lead Material
#22 AWG
(0.025 Dia.)
Solder Coated
Copper
Resistance
Value Code
XXXXXX
100R01
0.01 %
1.00 ± 0.125
(25.4 ± 3.18)
Model Number
Date Code
10
Week
Optional
Customer P/N
6 Digits Maximum
Tolerance
0.040 ± 0.005
(1.02 ± 0.13)
01
Year
Rear View
Side View
Front View


Similar Part No. - Y1189100R500DM0R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y1189100R500DM0R VISHAY-Y1189100R500DM0R Datasheet
115Kb / 5P
   Z-Bulk Metal® Foil Technology RNC90Z to MIL-PRF-55182/9
Revision: 28-Aug-08
More results

Similar Description - Y1189100R500DM0R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RNC90Y15K000BR VISHAY-RNC90Y15K000BR Datasheet
1Mb / 5P
   Bulk Metal Foil Technology RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9
Revision: 30-Jul-12
RNC90Z VISHAY-RNC90Z Datasheet
115Kb / 5P
   Z-Bulk Metal® Foil Technology RNC90Z to MIL-PRF-55182/9
Revision: 28-Aug-08
VHHERMETIC VISHAY-VHHERMETIC Datasheet
130Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 02-Mar-05
VHZ VISHAY-VHZ Datasheet
172Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 12-Dec-05
VSR144 VISHAY-VSR144 Datasheet
40Kb / 2P
   Bulk Metal® Foil Technology Industrial Grade Miniature Voltage Divider
Revision 05-Aug-02
1260 VISHAY-1260_10 Datasheet
362Kb / 5P
   Bulk Metal® Foil Ultra High Technology Precision Trimming Potentiometers
Revision: 24-Mar-10
VHP4Z VISHAY-VHP4Z Datasheet
222Kb / 5P
   Z-Based Bulk Metal® Foil Technology Rapid ΔR Stabilization - Low WCR - Low TCR
Revision: 02-Mar-05
300190-9 VISHAY-300190-9 Datasheet
123Kb / 4P
   Bulk Metal Foil Technology Molded Resistor Networks
Revision 18-Aug-04
1442 VISHAY-1442_05 Datasheet
173Kb / 3P
   Bulk Metal® Foil Technology Dual-In-Line Hermetic Resistor Networks
Revision 08-Mar-05
1242 VISHAY-1242 Datasheet
118Kb / 5P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers, QPL Approved 1/4 Inch Square, Qualified to MIL-PRF-22097, Char. F, RJ26
Revision: 06-Nov-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com