Electronic Components Datasheet Search |
|
Y0106120K500D Datasheet(PDF) 3 Page - Vishay Siliconix |
|
Y0106120K500D Datasheet(HTML) 3 Page - Vishay Siliconix |
3 / 5 page Document Number: 63006 For any questions, contact: foil@vishay.com www.vishay.com Revision: 14-Nov-07 3 H Series Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 % Vishay Foil Resistors Notes 1. Upper end of resistance range varies with model selected (i.e. VHP202; the range is to 150 k Ω; VHA518-10, the range is to 1M67 Ω) per table 2 2. Not to exceed power rating of resistor 3. Insulating sleeve - a special case insulating plastic sleeve is available on VHA models. See table 4 for instructions on how to specify 4. 0.200" (5.08 mm) lead spacing available - specify VH202J 5. Inductance (L) due mainly to the leads 6. The resolution limit of existing test equipment (within measurement capability of the equipment, or “essentially zero”) 7. µV/°C relates to EMF due to lead temperature difference and µV/W due to power applied to the resistor 8. Load life ΔR maximum. Can be reduced through in-house oriented processes FIGURE 4 - STANDARD IMPRINTING AND DIMENSIONS LS Model Number VISHAY XXXX VHP202 ST H L Date Code W Front View Rear View Lead Material #22 AWG Round Solder Coated Copper Resistance Value Code Tolerance Serial No. 100R01 0.01% XXXX 06 Week 07 Year LL Lead Material #22 AWG Round Solder Coated Copper Tolerance Model No. Resistance Value Code Date Code 10 Week 07 Year VISHAY XXXX VHA412 100R01 0.005% D LLL TABLE 3 - “H” SERIES SPECIFICATIONS Stability8) Load life at 2000 h ± 0.002 % maximum ΔR at 0.1 W per chip and at + 60 °C Shelf life ± 2 ppm (0.0002 %) for at least 10 years Current Noise < - 40 dB High Frequency Operation Rise time 1.0 ns without ringing Inductance (L)5) 0.1 µH maximum; 0.08 µH typical Capacitance (C) 1.0 pF maximum; 0.5 pF typical Voltage Coefficient < 0.1 ppm/V6) Thermal EMF7) 0.1 µV/°C maximum; 0.05 µV/°C typical; 1 µV/W maximum Hermeticity 10-7 atmospheric cc/s maximum |
Similar Part No. - Y0106120K500D |
|
Similar Description - Y0106120K500D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |