Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

04021K4R7AATTR Datasheet(PDF) 5 Page - AVX Corporation

Part # 04021K4R7AATTR
Description  Thin-Film Technology
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

04021K4R7AATTR Datasheet(HTML) 5 Page - AVX Corporation

  04021K4R7AATTR Datasheet HTML 1Page - AVX Corporation 04021K4R7AATTR Datasheet HTML 2Page - AVX Corporation 04021K4R7AATTR Datasheet HTML 3Page - AVX Corporation 04021K4R7AATTR Datasheet HTML 4Page - AVX Corporation 04021K4R7AATTR Datasheet HTML 5Page - AVX Corporation 04021K4R7AATTR Datasheet HTML 6Page - AVX Corporation 04021K4R7AATTR Datasheet HTML 7Page - AVX Corporation 04021K4R7AATTR Datasheet HTML 8Page - AVX Corporation 04021K4R7AATTR Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
10
1
Size
Size Code
0805
1210
Voltage
100
50
25
100
50(3)
Cap in
Cap
pF(1)
code
0.1
0R1
0.2
0R2
0.3
0R3
0.4
0R4
0.5
0R5
0.6
0R6
0.7
0R7
0.8
0R8
0.9
0R9
1.0
1R0
1.1
1R1
1.2
1R2
1.3
1R3
1.4
1R4
1.5
1R5
1.6
1R6
1.7
1R7
1.8
1R8
1.9
1R9
2.0
2R0
2.1
2R1
2.2
2R2
2.3
2R3
2.4
2R4
2.5
2R5
2.6
2R6
2.7
2R7
2.8
2R8
2.9
2R9
3.0
3R0
3.1
3R1
3.2
3R2
3.3
3R3
3.4
3R4
3.5
3R5
3.6
3R6
3.7
3R7
3.8
3R8
3.9
3R9
4.0
4R0
4.1
4R1
4.2
4R2
4.3
4R3
4.4
4R4
4.5
4R5
4.6
4R6
4.7
4R7
5.1
5R1
5.6
5R6
6.2
6R2
6.8
6R8
7.5
7R5
8.2
8R2
9.1
9R1
10.0
100
11.0
110
12.0
120
13.0
130
14.0
140
15.0
150
16.0
160
17.0
170
18.0
180
22.0
220
24.0
240
27.0
270
30.0
300
33.0
330
39.0
390
47.0
470
56.0
560
68.0
680
Accu-P®
Signal and Power Type Capacitors
TEMP. COEFFICIENT CODE
“K” = 0±60ppm/°C (-55°C to +125°C)(2)
TEMP. COEFFICIENT CODE
“J” = 0±30ppm/°C (-55°C to +125°C)(2)
(1) For capacitance values higher than listed in table,
please consult factory.
(2) TC shown is per EIA/IEC Specifications.
(3) For 50 volt range, please consult factory.
(1) For capacitance values higher than listed in table,
please consult factory.
(2) TC shown is per EIA/IEC Specifications.
These values are produced with “K” temperature coefficient
code only.
Accu-P
® Capacitance Ranges (pF)
Intermediate values are available within the indicated range.
Size
Size Code
0201
0402
0603
0805
1210
Voltage
25
16 10
25
16
10
50 25 100 50
25 100 50
Cap in
Cap
pF
(1)
code
0.1
0R1
0.2
0R2
0.3
0R3
0.4
0R4
0.5
0R5
0.6
0R6
0.7
0R7
0.8
0R8
0.9
0R9
1.0
1R0
1.1
1R1
1.2
1R2
1.3
1R3
1.4
1R4
1.5
1R5
1.6
1R6
1.7
1R7
1.8
1R8
1.9
1R9
2.0
2R0
2.1
2R1
2.2
2R2
2.3
2R3
2.4
2R4
2.5
2R5
2.6
2R6
2.7
2R7
2.8
2R8
2.9
2R9
3.0
3R0
3.1
3R1
3.2
3R2
3.3
3R3
3.4
3R4
3.5
3R5
3.6
3R6
3.7
3R7
3.8
3R8
3.9
3R9
4.0
4R0
4.1
4R1
4.2
4R2
4.3
4R3
4.4
4R4
4.5
4R5
4.6
4R6
4.7
4R7
5.1
5R1
5.6
5R6
6.2
6R2
6.8
6R8
7.5
7R5
8.2
8R2
9.1
9R1
10.0
100
11.0
110
12.0
120
13.0
130
14.0
140
15.0
150
16.0
160
17.0
170
18.0
180
22.0
220
24.0
240
27.0
270
30.0
300
33.0
330
39.0
390
47.0
470
56.0
560
68.0
680


Similar Part No. - 04021K4R7AATTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04021K4R7AATTR AVX-04021K4R7AATTR Datasheet
458Kb / 20P
   Thin-Film Technology
More results

Similar Description - 04021K4R7AATTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06035J0R1PBSTR AVX-06035J0R1PBSTR Datasheet
340Kb / 26P
   Thin-Film Technology
04023J3R0ABWTR AVX-04023J3R0ABWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J6R8BBWTR AVX-04023J6R8BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023K200FBSTR AVX-04023K200FBSTR Datasheet
217Kb / 19P
   Thin-Film Technology
04023J1R6BBSTR AVX-04023J1R6BBSTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J1R6BBWTR AVX-04023J1R6BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J2R5BBWTR AVX-04023J2R5BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J2R9ABSTR AVX-04023J2R9ABSTR Datasheet
217Kb / 19P
   Thin-Film Technology
ACCU-P AVX-ACCU-P Datasheet
1Mb / 25P
   Thin-Film Technology
04023J7R5BBWTR AVX-04023J7R5BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J1R5BBSTR AVX-04023J1R5BBSTR Datasheet
217Kb / 19P
   Thin-Film Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com