Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTC3-J02D-1M00 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # VTC3-J02D-1M00
Description  Voltage Controlled Temperature Compensated Crystal Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VTC3-J02D-1M00 Datasheet(HTML) 3 Page - Vectron International, Inc

  VTC3-J02D-1M00 Datasheet HTML 1Page - Vectron International, Inc VTC3-J02D-1M00 Datasheet HTML 2Page - Vectron International, Inc VTC3-J02D-1M00 Datasheet HTML 3Page - Vectron International, Inc VTC3-J02D-1M00 Datasheet HTML 4Page - Vectron International, Inc VTC3-J02D-1M00 Datasheet HTML 5Page - Vectron International, Inc VTC3-J02D-1M00 Datasheet HTML 6Page - Vectron International, Inc VTC3-J02D-1M00 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VTD3 Data sheet
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
VCXO Functional Description
VCXO Feature: The VTD3 can be ordered with a VCXO function for applications where it will be used in a
PLL, or the output frequency needs fine tune adjustments. This is high impedance input, 100 kohm, and can
be driven with an op-amp or terminated with adjustable resistors etc. Pin 1 should not be left floating on
the VCXO optional devices.
“No Adjust” Feature: In applications where the VTD3 will not be used in a PLL, or the output frequency
does not need fine tune adjustments, the fixed TCXO/VTD3-x0xx is the best option. By using the “no adjust”
option, the circuit is simplified as Vc does not need to adjusted or set to a predetermined voltage. Pin 1 can
be grounded to reduce the risk of adding noise into the circuit.
Outline Diagrams, Pad Layout and Pin Out
Table 2. Pinout
Pin #
Symbol
Function
1
N/C or VC
No Connect (VTD3-x0xx) or VCXO Control Voltage
2
GND
Electrical and Case Ground
3
fO
Output Frequency
4
VDD
Supply Voltage
Figure 1, Package drawing and Pad Layout
VTD3-XXXX
VTD3
Frequency
Date Code


Similar Part No. - VTC3-J02D-1M00

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
VTC321474LABEBXDPEZC-PF ACT-VTC321474LABEBXDPEZC-PF Datasheet
779Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
VTC321474LABEBXDPEZD-PF ACT-VTC321474LABEBXDPEZD-PF Datasheet
779Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
VTC321474LABEBXDPEZL-PF ACT-VTC321474LABEBXDPEZL-PF Datasheet
779Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
VTC321474LADEBXDPEZC-PF ACT-VTC321474LADEBXDPEZC-PF Datasheet
779Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
VTC321474LADEBXDPEZD-PF ACT-VTC321474LADEBXDPEZD-PF Datasheet
779Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
More results

Similar Description - VTC3-J02D-1M00

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX-12 ABRACON-ASTX-12 Datasheet
2Mb / 2P
   TEMPERATURE COMPENSATED/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
03.01.07
ASVTX-09 ABRACON-ASVTX-09 Datasheet
154Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
5.03.07
logo
RF Monolithics, Inc
XVT9009 RFM-XVT9009 Datasheet
564Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9006 RFM-XVT9006 Datasheet
453Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003-1 RFM-XVT9003-1 Datasheet
462Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003 RFM-XVT9003 Datasheet
284Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASVTX-09 ABRACON-ASVTX-09_07 Datasheet
155Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
09.20.07
logo
Vectron International, ...
VTC1 VECTRON-VTC1 Datasheet
202Kb / 9P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CVT32 CRYSTEKCRYSTAL-CVT32_15 Datasheet
74Kb / 1P
   Temperature Compensated Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VTC21 VECTRON-VTC21 Datasheet
187Kb / 6P
   Voltage Controlled Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com