Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08052U100GA4A Datasheet(PDF) 4 Page - AVX Corporation

Part # 08052U100GA4A
Description  RF/Microwave C0G (NP0) Capacitors (RoHS)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08052U100GA4A Datasheet(HTML) 4 Page - AVX Corporation

  08052U100GA4A Datasheet HTML 1Page - AVX Corporation 08052U100GA4A Datasheet HTML 2Page - AVX Corporation 08052U100GA4A Datasheet HTML 3Page - AVX Corporation 08052U100GA4A Datasheet HTML 4Page - AVX Corporation 08052U100GA4A Datasheet HTML 5Page - AVX Corporation 08052U100GA4A Datasheet HTML 6Page - AVX Corporation 08052U100GA4A Datasheet HTML 7Page - AVX Corporation 08052U100GA4A Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
129
7
RF/Microwave C0G (NP0)
Capacitors (Sn/Pb)
Ultra Low ESR, “U” Series, C0G (NP0) Chip Capacitors
GENERAL INFORMATION
“U” Series capacitors are C0G (NP0) chip capacitors spe-
cially designed for “Ultra” low ESR for applications in the
communications market. Max ESR and effective capacitance
are met on each value producing lot to lot uniformity.
Sizes available are EIA chip sizes 0603, 0805, and 1210.
Size
A
B
C
D
E
0402
0.039±0.004 (1.00±0.1)
0.020±0.004 (0.50±0.1)
0.024 (0.6) max
N/A
N/A
0603
0.060±0.010 (1.52±0.25)
0.030±0.010 (0.76±0.25)
0.036 (0.91) max
0.010±0.005 (0.25±0.13)
0.030 (0.76) min
0805
0.079±0.008 (2.01±0.2)
0.049±0.008 (1.25±0.2)
0.040±0.005 (1.02±0.127)
0.020±0.010 (0.51±0.254)
0.020 (0.51) min
1210
0.126±0.008 (3.2±0.2)
0.098±0.008 (2.49±0.2)
0.050±0.005 (1.27±0.127)
0.025±0.015 (0.635±0.381)
0.040 (1.02) min
Capacitance Values and Tolerances:
Size 0402 - 0.2 pF to 22 pF @ 1 MHz
Size 0603 - 1.0 pF to 100 pF @ 1 MHz
Size 0805 - 1.6 pF to 160 pF @ 1 MHz
Size 1210 - 2.4 pF to 1000 pF @ 1 MHz
Temperature Coefficient of Capacitance (TC):
0±30 ppm/°C (-55° to +125°C)
Insulation Resistance (IR):
1012
Ω min. @ 25°C and rated WVDC
1011
Ω min. @ 125°C and rated WVDC
Working Voltage (WVDC):
Size
Working Voltage
0402
-
50, 25 WVDC
0603
-
200, 100, 50 WVDC
0805
-
200, 100 WVDC
1210
-
200, 100 WVDC
Dielectric Working Voltage (DWV):
250% of rated WVDC
Equivalent Series Resistance Typical (ESR):
0402
-
See Performance Curve, page 130
0603
-
See Performance Curve, page 130
0805
-
See Performance Curve, page 130
1210
-
See Performance Curve, page 130
Marking: Laser marking EIA J marking standard
(except 0603) (capacitance code and
tolerance upon request).
MILITARY SPECIFICATIONS
Meets or exceeds the requirements of MIL-C-55681
A
B
D
D
E
C
A
B
C
A
B
D
D
E
C
A
B
D
D
E
C
LD05
Case Size
LD02 = 0402
LD03 = 0603
LD05 = 0805
LD10 = 1210
1
Voltage Code
3 = 25V
5 = 50V
1 = 100V
2 = 200V
U
Dielectric =
Ultra Low
ESR
100
Capacitance
J
Capacitance
Tolerance
Code
B = ±0.1pF
C = ±0.25pF
D = ±0.5pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
M = ±20%
A
Failure Rate
Code
A = Not
Applicable
B
Termination
B = 5% min lead
2
Packaging
Code
2 = 7" Reel
4 = 13" Reel
9 = Bulk
A
Special Code
A = Standard
HOW TO ORDER
EIA Capacitance Code in pF.
First two digits = significant figures
or “R” for decimal place.
Third digit = number of zeros or
after “R” significant figures.
DIMENSIONS: inches (millimeters)
0402
0603
0805
1210
inches (mm)
ELECTRICAL CHARACTERISTICS


Similar Part No. - 08052U100GA4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08052U100BAT2A AVX-08052U100BAT2A Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
08052U100BAT2A AVX-08052U100BAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, U Series, C0G (NP0) Chip Capacitors
08052U100BAT4A AVX-08052U100BAT4A Datasheet
156Kb / 6P
   Ultra Low ESR, U Series, C0G (NP0) Chip Capacitors
08052U100CAT2A AVX-08052U100CAT2A Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
08052U100CAT2A AVX-08052U100CAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, U Series, C0G (NP0) Chip Capacitors
More results

Similar Description - 08052U100GA4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CU01 AVX-CU01 Datasheet
238Kb / 2P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
12105U471JAT2A AVX-12105U471JAT2A Datasheet
156Kb / 6P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
12101U160JAT2A AVX-12101U160JAT2A Datasheet
166Kb / 6P
   RF Microwave C0G (NP0) Capacitors (RoHS)
08051U100JAT2A AVX-08051U100JAT2A Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
08052U220JAT2A AVX-08052U220JAT2A Datasheet
156Kb / 6P
   RF/Microwave C0G Capacitors
04025U220C4T2A AVX-04025U220C4T2A Datasheet
156Kb / 6P
   RF/Microwave C0G
04025A2R4CAT2A AVX-04025A2R4CAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A2R7JAT2A AVX-04025A2R7JAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A3R9BAT2A AVX-04025A3R9BAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A4R7JAT2A AVX-04025A4R7JAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com