Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y4471759K000C1W Datasheet(PDF) 6 Page - Vishay Siliconix

Part # Y4471759K000C1W
Description  Bulk Metal® Foil Technology Discrete Chips with TCR of 2 ppm/°C and Tolerance to 0.005 % for use in Hybrid Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y4471759K000C1W Datasheet(HTML) 6 Page - Vishay Siliconix

  Y4471759K000C1W Datasheet HTML 1Page - Vishay Siliconix Y4471759K000C1W Datasheet HTML 2Page - Vishay Siliconix Y4471759K000C1W Datasheet HTML 3Page - Vishay Siliconix Y4471759K000C1W Datasheet HTML 4Page - Vishay Siliconix Y4471759K000C1W Datasheet HTML 5Page - Vishay Siliconix Y4471759K000C1W Datasheet HTML 6Page - Vishay Siliconix Y4471759K000C1W Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
V5X5P, V15X5P, V15X10P
Vishay Foil Resistors Bulk Metal
® Foil Technology Discrete Chips
with TCR of 2 ppm/°C and Tolerance to 0.005 %
for use in Hybrid Circuits
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63024
6
Revision: 25-Oct-07
EFFECTS OF GOLD WIRE
The bonding of the gold wires to the chip has an effect on the overall resistance and on the temperature coefficient, according to
the length of wire used.
The nomogram below shows the effect on both parameters with varying lengths of 0.001" (0.0254 mm) diameter gold wire.
NOMOGRAM
Change of resistance and TCR due to a length L of gold wire added at wire bonding.
500
360
250
160
120
90
62.5
40
22.5
10
50
23
16
10.5
6
4
2.25
1.40
0.82
0.47
0.30
0.16
0.11
600
350
225
130
85
41
25
16
10
6
1900
1100
610
400
230
150
85
53
31
18
11
6.1
4.2
2.3
1.5
0.85
0.50
0.32
0.15
0.10
0.06
0.04
0.02
1
1.4
2.2
3.2
4
6.2
9
12.2
16
25
36
49
64
81
100
144
225
324
400
625
900
1.2K
1.6K
2.5K
3.6K
4.9K
6.4K
8.1K
10K
14.4K
22.5K
32.4K
40K
ppm
%
A
B
R
Δ TCR
ppm/°C
ΔR
R
L
thousandths of an inch
total length of 2 gold
wires of 0.001" diameter
nominal resistance of
chip as measured on its
pads (
Ω)
EXAMPLE:
Total length of wires L = 0.100" (point A on left scale)
Resistance of chip R = 200
Ω (point B on right scale)
Read on intersection of line as with central scale:
On left side - change of resistance:
ΔR
R
On right side - change of TCR:
ΔTCR = ± 2.3 ppm
Nomogram based on the following specs for gold wire:
• Conductivity 72 % of copper
• 1.2
Ω/inch for 0.001" (0.0254 mm) diameter wire
• TCR 3900 ppm/°C
= 600 ppm


Similar Part No. - Y4471759K000C1W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y4485V0001AT9R VISHAY-Y4485V0001AT9R Datasheet
420Kb / 5P
   Ultra High Precision Bulk Metal Z-Foil Surface Mount Voltage Divider
Revision: 25-Mar-10
Y4485V0052AA0R VISHAY-Y4485V0052AA0R Datasheet
161Kb / 5P
   Ultra High Precision Bulk Metal® Z-Foil Surface Mount Voltage Divider
Revision: 06-Aug-07
Y4485V0052AA1R VISHAY-Y4485V0052AA1R Datasheet
161Kb / 5P
   Ultra High Precision Bulk Metal® Z-Foil Surface Mount Voltage Divider
Revision: 06-Aug-07
Y4485V0052AA9R VISHAY-Y4485V0052AA9R Datasheet
161Kb / 5P
   Ultra High Precision Bulk Metal® Z-Foil Surface Mount Voltage Divider
Revision: 06-Aug-07
Y4485V0052AQ0R VISHAY-Y4485V0052AQ0R Datasheet
161Kb / 5P
   Ultra High Precision Bulk Metal® Z-Foil Surface Mount Voltage Divider
Revision: 06-Aug-07
More results

Similar Description - Y4471759K000C1W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
VFP-3 VISHAY-VFP-3 Datasheet
123Kb / 5P
   Bulk Metal® Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/°C, Tolerance to ± 0.01 % and power up to 10 Watts
Revision: 29-Aug-07
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
   Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
Revision: 18-Jun-07
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
1280G VISHAY-1280G_07 Datasheet
123Kb / 4P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
Revision: 07-Nov-07
VHP-3 VISHAY-VHP-3 Datasheet
142Kb / 6P
   Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
Revision: 31-Oct-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com