Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRA12E082RFTL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CRA12E082RFTL
Description  Thick Film Resistor Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRA12E082RFTL Datasheet(HTML) 2 Page - Vishay Siliconix

  CRA12E082RFTL Datasheet HTML 1Page - Vishay Siliconix CRA12E082RFTL Datasheet HTML 2Page - Vishay Siliconix CRA12E082RFTL Datasheet HTML 3Page - Vishay Siliconix CRA12E082RFTL Datasheet HTML 4Page - Vishay Siliconix CRA12E082RFTL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 31003
For technical questions, contact: filmresistors.thickfilmchip@vishay.com
www.vishay.com
Revision: 13-Oct-08
261
CRA12E, CRA12S
Thick Film Resistor Array
Vishay
CIRCUIT
AVAILABLE TYPES AND RANGES
MODEL
TERMINAL
COUNT
CIRCUIT
TEMPERATURE
COEFFICIENT
TOLERANCE
CRA12 S
08
03
± 100 ppm/K
± 200 ppm/K
± 1 %
± 5 %; ± 2 %
10
01
02
03
20
CRA12 E
04
01
03
08
01
02
03
20
10
16
PACKAGING
MODEL
TAPE WIDTH
DIAMETER
PITCH
PIECES/REEL
PACKAGING CODE
BLISTER TAPE
PART NUMBER
PRODUCT DESCRIPTION
CRA12 E 04
8 mm
180 mm/7"
4 mm
2000
TR
RB8
CRA12 E 08
CRA12 S 08
CRA12 E 10
CRA12 S 10
12 mm
180 mm/7"
330 mm/13"
8 mm
2000
5000
TR
TL
RB8
RD7
CRA12 E 16
24 mm
330 mm/13"
8 mm
2000
5000
TR
TL
RB8
RD7
Pin 1
4 pin
8 pin
10 pin
02 Circuit
Pin 1
4 pin
8 pin
10 pin
16 pin
01 Circuit
03 Circuit
4 pin
16 pin
20 Circuit
Pin 1
8 pin 10 pin


Similar Part No. - CRA12E082RFTL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA12E082RFTL VISHAY-CRA12E082RFTL Datasheet
116Kb / 5P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
More results

Similar Description - CRA12E082RFTL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA06S083100RJTA VISHAY-CRA06S083100RJTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04P VISHAY-CRA04P Datasheet
107Kb / 4P
   Thick Film, Resistor Array
Revision: 09-Jan-07
CRA04S VISHAY-CRA04S_08 Datasheet
162Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P Datasheet
196Kb / 4P
   Thick Film Resistor Array
Revision 25-Jul-05
CRA08C VISHAY-CRA08C Datasheet
45Kb / 2P
   Thick Film, Resistor Array
Revision 13-Feb-02
CRA06S08310K0JTA VISHAY-CRA06S08310K0JTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P_08 Datasheet
132Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S VISHAY-CRA04S Datasheet
142Kb / 2P
   Thick Film, Resistor Array
Revision 03-Sep-03
CRA06E VISHAY-CRA06E Datasheet
289Kb / 2P
   Thick Film, Resistor Array
Revision 22-Jan-03
CRA04S VISHAY-CRA04S_17 Datasheet
120Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com