Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0402WGF8201TCE Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 0402WGF8201TCE
Description  Thick Film Chip Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0402WGF8201TCE Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  0402WGF8201TCE Datasheet HTML 1Page - List of Unclassifed Manufacturers 0402WGF8201TCE Datasheet HTML 2Page - List of Unclassifed Manufacturers 0402WGF8201TCE Datasheet HTML 3Page - List of Unclassifed Manufacturers 0402WGF8201TCE Datasheet HTML 4Page - List of Unclassifed Manufacturers 0402WGF8201TCE Datasheet HTML 5Page - List of Unclassifed Manufacturers 0402WGF8201TCE Datasheet HTML 6Page - List of Unclassifed Manufacturers 0402WGF8201TCE Datasheet HTML 7Page - List of Unclassifed Manufacturers 0402WGF8201TCE Datasheet HTML 8Page - List of Unclassifed Manufacturers 0402WGF8201TCE Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Page 3
29/08/07 V1.1
Thick Film Chip Resistors
153 = 15000
Ω = 15KΩ; 120 = 12Ω
Below 10
Ω shown as this: 6R8 = 6.8Ω
For 0402 size, no marking on the body due to the small size of resistor.
±5% tolerance product. (Including resistance values less than 1
Ω; both 1% and 5%) The marking is 3 digits, the first 2 digits are
the significant figures of the resistance and the 3rd digit denotes number of zeros.
153
6R8
Marking on the Resistors Body
Resistance Preferred Value Range
E6
E12
E24
E96
E6
E12
E24
E96
E6
E12
E24
E96
10
10
10
10.0
10.2
10.5
10.7
11
11.0
11.3
11.5
11.8
12
12
12.1
12.4
12.7
13
13.0
13.3
13.7
14.0
14.3
14.7
15
15
15
15.0
15.4
15.8
16
16.2
16.5
16.9
17.4
17.8
18
18
18.2
18.7
19.1
19.6
20
20.0
20.5
21.0
21.5
22
22
22
22.1
22.6
23.2
23.7
24
24.3
24.9
25.5
26.1
27.7
27
27
27.4
28.0
28.7
29.4
30
30.1
30.9
31.6
32.4
33
33
33
33.2
34.0
34.8
35.7
36
36.5
37.4
38.3
39
39
39.2
40.2
41.2
42.2
43
43.2
44.2
45.3
46.4
47
47
47
47.5
48.7
49.9
51
51.1
52.3
53.6
54.9
56
56
56.2
57.6
59.0
60.4
62
61.9
63.4
64.9
66.5
68
68
68
68.1
69.8
71.5
73.2
75
75.0
76.8
78.7
80.6
82
82
82.5
84.5
86.6
88.7
91
90.9
93.1
95.3
97.6
Above values in accordance with IEC Publication 63 (1963) and BS2488


Similar Part No. - 0402WGF8201TCE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0402WGF012JB1E ETC2-0402WGF012JB1E Datasheet
141Kb / 3P
   Thick Film Chip Resistors
0402WGF012JBDE ETC2-0402WGF012JBDE Datasheet
141Kb / 3P
   Thick Film Chip Resistors
0402WGF012JC1E ETC2-0402WGF012JC1E Datasheet
141Kb / 3P
   Thick Film Chip Resistors
0402WGF012JCDE ETC2-0402WGF012JCDE Datasheet
141Kb / 3P
   Thick Film Chip Resistors
0402WGF012JT1E ETC2-0402WGF012JT1E Datasheet
141Kb / 3P
   Thick Film Chip Resistors
More results

Similar Description - 0402WGF8201TCE

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com