Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0402WGF2202TCE Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 0402WGF2202TCE
Description  Thick Film Chip Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0402WGF2202TCE Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  0402WGF2202TCE Datasheet HTML 1Page - List of Unclassifed Manufacturers 0402WGF2202TCE Datasheet HTML 2Page - List of Unclassifed Manufacturers 0402WGF2202TCE Datasheet HTML 3Page - List of Unclassifed Manufacturers 0402WGF2202TCE Datasheet HTML 4Page - List of Unclassifed Manufacturers 0402WGF2202TCE Datasheet HTML 5Page - List of Unclassifed Manufacturers 0402WGF2202TCE Datasheet HTML 6Page - List of Unclassifed Manufacturers 0402WGF2202TCE Datasheet HTML 7Page - List of Unclassifed Manufacturers 0402WGF2202TCE Datasheet HTML 8Page - List of Unclassifed Manufacturers 0402WGF2202TCE Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Page 6
29/08/07 V1.1
Thick Film Chip Resistors
Part Number Table
Resistance Value
Part Number
2K2
0402WGF2201TCE
2K4
0402WGF2401TCE
2K7
0402WGF2701TCE
3K
0402WGF3001TCE
3K3
0402WGF3301TCE
3K6
0402WGF3601TCE
3K9
0402WGF3901TCE
4K3
0402WGF4301TCE
4K7
0402WGF4701TCE
5K1
0402WGF5101TCE
5K6
0402WGF5601TCE
6K2
0402WGF6201TCE
6K8
0402WGF6801TCE
7K5
0402WGF7501TCE
8K2
0402WGF8201TCE
9K1
0402WGF9101TCE
10K
0402WGF1002TCE
11K
0402WGF1102TCE
12K
0402WGF1202TCE
13K
0402WGF1302TCE
15K
0402WGF1502TCE
16K
0402WGF1602TCE
18K
0402WGF1802TCE
20K
0402WGF2002TCE
22K
0402WGF2202TCE
24K
0402WGF2402TCE
27K
0402WGF2702TCE
30K
0402WGF3002TCE
33K
0402WGF3302TCE
36K
0402WGF3602TCE
39K
0402WGF3902TCE


Similar Part No. - 0402WGF2202TCE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0402WGF012JB1E ETC2-0402WGF012JB1E Datasheet
141Kb / 3P
   Thick Film Chip Resistors
0402WGF012JBDE ETC2-0402WGF012JBDE Datasheet
141Kb / 3P
   Thick Film Chip Resistors
0402WGF012JC1E ETC2-0402WGF012JC1E Datasheet
141Kb / 3P
   Thick Film Chip Resistors
0402WGF012JCDE ETC2-0402WGF012JCDE Datasheet
141Kb / 3P
   Thick Film Chip Resistors
0402WGF012JT1E ETC2-0402WGF012JT1E Datasheet
141Kb / 3P
   Thick Film Chip Resistors
More results

Similar Description - 0402WGF2202TCE

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com