Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRU050-TDCGB-65M0000000 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # TRU050-TDCGB-65M0000000
Description  Complete VCXO based Phase-Locked Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TRU050-TDCGB-65M0000000 Datasheet(HTML) 3 Page - Vectron International, Inc

  TRU050-TDCGB-65M0000000 Datasheet HTML 1Page - Vectron International, Inc TRU050-TDCGB-65M0000000 Datasheet HTML 2Page - Vectron International, Inc TRU050-TDCGB-65M0000000 Datasheet HTML 3Page - Vectron International, Inc TRU050-TDCGB-65M0000000 Datasheet HTML 4Page - Vectron International, Inc TRU050-TDCGB-65M0000000 Datasheet HTML 5Page - Vectron International, Inc TRU050-TDCGB-65M0000000 Datasheet HTML 6Page - Vectron International, Inc TRU050-TDCGB-65M0000000 Datasheet HTML 7Page - Vectron International, Inc TRU050-TDCGB-65M0000000 Datasheet HTML 8Page - Vectron International, Inc TRU050-TDCGB-65M0000000 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TRU050, VCXO Based PLL
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 3 of 14
Rev: 26Aug2008
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional
operation is not implied at these or any other conditions in excess of conditions represented in the operational
sections of this data sheet. Exposure to absolute maximum ratings for extended periods may adversely affect
device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power Supply
VDD
7
Vdc
Storage Temperature
Tstorage
-55/125
°C
Soldering Temperature/Duration
TPEAK / tP
260 / 40
°C/sec
Clock and Data Input Range
CLKIN, DATAIN
Gnd-0.5 to VDD +0.5
V
Reliability
The TRU050 is capable of meeting the following qualification tests.
Table 3. Environmental Compliance
Parameter
Conditions
Mechanical Shock
MIL-STD-883, Method 2002
Mechanical Vibration
MIL-STD-883, Method 2007
Solderability
MIL-STD-883, Method 2003
Gross and Fine Leak
MIL-STD-883, Method 1014, 100% Tested
Resistance to Solvents
MIL-STD-883, Method 2016
Handling Precautions
Although ESD protection circuitry has been designed into the the TRU050, proper precautions should be
taken when handling and mounting. VI employs a human body model and a charged-device model (CDM) for
ESD susceptibility testing and design protection evaluation. ESD thresholds are dependent on the circuit
parameters used to define the model.
Table 4. ESD Ratings
Model
Minimum
Human Body Model
1500V
MIL-STD 3015
Charged Device Model
1000V
JESD 22-C101


Similar Part No. - TRU050-TDCGB-65M0000000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRU050-TDCGA ETC-TRU050-TDCGA Datasheet
4Mb / 17P
   SINGLE DROP IN QUARTZ STABILIZED PLL SOLUTUION
More results

Similar Description - TRU050-TDCGB-65M0000000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
CD-700 VECTRON-CD-700_09 Datasheet
553Kb / 12P
   Complete VCXO Based Phase Lock Loop
CD-700 VECTRON-CD-700 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
logo
List of Unclassifed Man...
CD-700 ETC1-CD-700 Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com