Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U673D188F075JL1C Datasheet(PDF) 4 Page - Vishay Siliconix

Part # U673D188F075JL1C
Description  Aluminum Capacitors 105 °C, Tubular Radial Lead
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

U673D188F075JL1C Datasheet(HTML) 4 Page - Vishay Siliconix

  U673D188F075JL1C Datasheet HTML 1Page - Vishay Siliconix U673D188F075JL1C Datasheet HTML 2Page - Vishay Siliconix U673D188F075JL1C Datasheet HTML 3Page - Vishay Siliconix U673D188F075JL1C Datasheet HTML 4Page - Vishay Siliconix U673D188F075JL1C Datasheet HTML 5Page - Vishay Siliconix U673D188F075JL1C Datasheet HTML 6Page - Vishay Siliconix U673D188F075JL1C Datasheet HTML 7Page - Vishay Siliconix U673D188F075JL1C Datasheet HTML 8Page - Vishay Siliconix U673D188F075JL1C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Document Number: 42057
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 16-Jul-08
435
U673D and U674D
Aluminum Capacitors
+ 105 °C, Tubular Radial Lead
Vishay Sprague
10 WVDC AT + 105 °C, SURGE = 12 V
1800.0
U673D188F010GE1C
0.770 x 1.150 [19.6 x 29.2]
123.0
89.0
2.20
91.0
3300.0
U673D338F010GJ1C
0.770 x 1.650 [19.6 x 41.9]
60.0
44.0
3.56
46.0
5600.0
U673D568F010GL1C
0.770 x 2.150 [19.6 x 54.6]
41.0
30.0
4.79
32.0
6800.0
U673D688F010GP1C
0.770 x 2.650 [19.6 x 67.3]
31.0
24.0
5.93
26.0
8200.0
U673D828F010GS1C
0.770 x 3.150 [19.6 x 80.0]
26.0
20.0
7.02
22.0
10 000.0
U673D109F010GT1C
0.770 x 3.650 [19.6 x 92.7]
23.0
17.8
7.97
20.0
2700.0
U673D278F010HE1C
0.895 x 1.150 [22.7 x 29.2]
82.0
61.0
2.90
62.0
5600.0
U673D568F010HJ1C
0.895 x 1.650 [22.7 x 41.9]
42.0
32.0
4.61
34.0
8200.0
U673D828F010HL1C
0.895 x 2.150 [22.7 x 54.6]
29.6
22.0
6.11
24.0
10 000.0
U673D109F010HP1C
0.895 x 2.650 [22.7 x 67.3]
24.0
18.0
7.33
20.0
12 000.0
U673D129F010HS1C
0.895 x 3.150 [22.7 x 80.0]
19.9
15.8
8.63
17.0
15 000.0
U673D159F010HT1C
0.895 x 3.650 [22.7 x 92.7]
17.3
13.8
9.85
16.0
3900.0
U673D398F010JE1C
1.020 x 1.150 [25.9 x 29.2]
66.6
50.0
3.47
52.0
6800.0
U673D688F010JJ1C
1.020 x 1.650 [25.9 x 41.9]
34.0
26.7
5.48
29.0
12 000.0
U673D129F010JL1C
1.020 x 2.150 [25.9 x 54.6]
24.0
19.0
7.18
21.0
15 000.0
U673D159F010JP1C
1.020 x 2.650 [25.9 x 67.3]
19.2
15.0
8.72
17.0
18 000.0
U673D189F010JS1C
1.020 x 3.150 [25.9 x 80.0]
16.0
13.0
10.20
15.0
22 000.0
U673D229F010JT1C
1.020 x 3.650 [25.9 x 92.7]
14.3
11.8
11.50
14.0
12 WVDC AT + 105 °C, SURGE = 16 V
1500.0
U673D158F012GE1C
0.770 x 1.150 [19.6 x 29.2]
119.0
83.0
2.26
85.0
3300.0
U673D338F012GJ1C
0.770 x 1.650 [19.6 x 41.9]
60.0
42.0
3.65
44.0
4700.0
U673D478F012GL1C
0.770 x 2.150 [19.6 x 54.6]
41.0
29.0
4.88
31.0
6800.0
U673D688F012GP1C
0.770 x 2.650 [19.6 x 67.3]
31.0
23.0
6.07
26.0
8200.0
U673D828F012GS1C
0.770 x 3.150 [19.6 x 80.0]
26.0
19.4
7.14
22.0
10 000.0
U673D109F012GT1C
0.770 x 3.650 [19.6 x 92.7]
23.0
17.0
8.11
20.0
2200.0
U673D228F012HE1C
0.895 x 1.150 [22.7 x 29.2]
83.0
60.0
2.93
62.0
4700.0
U673D478F012HJ1C
0.895 x 1.650 [22.7 x 41.9]
42.0
31.0
4.69
33.0
6800.0
U673D688F012HL1C
0.895 x 2.150 [22.7 x 54.6]
29.0
22.0
6.20
25.0
10000.0
U673D109F012HP1C
0.895 x 2.650 [22.7 x 67.3]
24.0
18.3
7.43
21.0
12 000.0
U673D129F012HS1C
0.895 x 3.150 [22.7 x 80.0]
19.7
15.0
8.82
18.0
15 000.0
U673D159F012HT1C
0.895 x 3.650 [22.7 x 92.7]
17.0
13.3
10.10
16.0
3300.0
U673D338F012JE1C
1.020 x 1.150 [25.9 x 29.2]
66.0
49.0
3.53
52.0
6800.0
U673D688F012JJ1C
1.020 x 1.650 [25.9 x 41.9]
34.0
26.0
5.54
29.0
10 000.0
U673D109F012JL1C
1.020 x 2.150 [25.9 x 54.6]
25.5
19.0
7.12
22.0
12 000.0
U673D129F012JP1C
1.020 x 2.650 [25.9 x 67.3]
19.7
15.0
8.75
18.0
18 000.0
U673D189F012JS1C
1.020 x 3.150 [25.9 x 80.0]
16.4
13.0
10.20
16.0
22 000.0
U673D229F012JT1C
1.020 x 3.650 [25.9 x 92.7]
14.6
11.8
11.50
15.0
16 WVDC AT 105°C, SURGE = 20 V
1200.0
U673D128F016GE1C
0.770 x 1.150 [19.6 x 29.2]
129.0
83.0
2.24
85.0
2700.0
U673D278F016GJ1C
0.770 x 1.650 [19.6 x 41.9]
65.0
43.0
3.62
45.0
3900.0
U673D398F016GL1C
0.770 x 2.150 [19.6 x 54.6]
44.0
30.0
4.84
32.0
5600.0
U673D568F016GP1C
0.770 x 2.650 [19.6 x 67.3]
34.0
23.5
6.01
26.0
6800.0
U673D688F016GS1C
0.770 x 3.150 [19.6 x 80.0]
28.0
19.7
7.09
23.0
8200.0
U673D828F016GT1C
0.770 x 3.650 [19.6 x 92.7]
24.0
17.0
8.16
21.0
2200.0
U673D228F016HE1C
0.895 x 1.150 [22.7 x 29.2]
89.0
59.0
2.93
61.0
3900.0
U673D398F016HJ1C
0.895 x 1.650 [22.7 x 41.9]
45.0
31.6
4.64
34.0
5600.0
U673D568F016HL1C
0.895 x 2.150 [22.7 x 54.6]
31.6
22.4
6.14
25.0
STANDARD RATINGS in inches [millimeters]
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. ESR
AT + 25 °C (m
Ω)
MAX. RIPPLE
AT + 85 °C (A)
MAX. Z
AT 100 kHz
(m
Ω)
120 Hz
20 kHz to 40 kHz
20 kHz to 40 kHz


Similar Part No. - U673D188F075JL1C

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
U67-27-14 FERROXCUBE-U67-27-14 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14 FERROXCUBE-U67/27/14 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14-3C81 FERROXCUBE-U67/27/14-3C81 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14-3C91 FERROXCUBE-U67/27/14-3C91 Datasheet
41Kb / 3P
   U, I cores and accessories
logo
Renesas Technology Corp
U67A RENESAS-U67A Datasheet
577Kb / 73P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - U673D188F075JL1C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
601D VISHAY-601D_13 Datasheet
112Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 26-Apr-13
601D VISHAY-601D_V01 Datasheet
115Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
19-Mar-18
601D VISHAY-601D Datasheet
43Kb / 2P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 17-Nov-06
601D VISHAY-601D_08 Datasheet
148Kb / 3P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 10-Jul-08
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M_13 Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com