Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRS10F-24S Datasheet(PDF) 1 Page - Volgen Kaga Electronics Inc.

Part # KRS10F-24S
Description  10 WATT, Universal Input PCB Mountable Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

KRS10F-24S Datasheet(HTML) 1 Page - Volgen Kaga Electronics Inc.

  KRS10F-24S Datasheet HTML 1Page - Volgen Kaga Electronics Inc. KRS10F-24S Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
E
EL
LE
EC
CT
TR
RIIC
CA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
IIN
NP
PU
UT
T S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
O
OU
UT
TP
PU
UT
T S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
G
GE
EN
NE
ER
RA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
E
EN
NV
VIIR
RO
ON
NM
ME
EN
NT
TA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
P
PH
HY
YS
SIIC
CA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
S
SA
AF
FE
ET
TIIE
ES
S//A
AP
PP
PR
RO
OV
VA
AL
LS
S
FEATURES
EXTREMELY SMALL (1.26 X 2.56mm)
10 WATT OUTPUT POWER
UNIVERSAL INPUT
OVERCURRENT PROTECTION
LIGHTWEIGHT CONSTRUCTION
Direct PCB Mountable
COMPACT, LOW-PROFILE PACKAGES
3 YEAR WARRANTY
1
10
0 W
WA
AT
TT
T,, U
Un
niiv
ve
errs
sa
all IIn
np
pu
utt
P
PC
CB
B M
Mo
ou
un
ntta
ab
blle
e S
Sw
wiittc
ch
hiin
ng
g P
Po
ow
we
err S
Su
up
pp
plly
y
K
KR
RS
S1100F
F S
Seerriieess
Input Voltage………..........................85 ~ 264VAC
Input Frequency............................... 47 ~ 63Hz
Input Current………………………….0.22 ~ 0.15A Typ.
Inrush Current………………………...10A
Output Voltage ……………………….See Chart
Efficiency.............................….74 ~ 82%
Over-Current Protection………….....Automatic Recovery (105% min)
Ripple and Noise…………………….See Chart
Hold-Up Time.......................…….....110V – 11 mS
230V – 120mS
Load Regulation...............………… 50mV max.
Rise Time...…...……………………...110V – 190mS
230V – 185mS
Leakage Current (100/230VAC)………….
< 0.75mA
Isolation Voltage
Primary to Secondary……………3000VAC
Primary to Case………………….2000VAC
Secondary to Case………………500VAC
Isolation Resistance………………….100 M-Ohms min.
Operating Temperature ............…….10°C ~ +70°C
Cooling………………….....................Convection
Temperature Coefficient................... 0.02% / °C
Humidity………………......................20 ~ 85%Rh (non-condensing)
Storage Temperature………………..-20°C ~ +85°C
Shock Vibration………………………Shock: 20G(3 Directions each 3 times)
Vibration: 10 ~ 55Hz
Open Frame – PCB Mountable
UL60950
CSA C22.2 No. 60950(cUL)
CE EN60950 3rd Edition (LVD)
All specifications are typical at nominal input, full load


Similar Part No. - KRS10F-24S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KRS10F-24S ETC1-KRS10F-24S Datasheet
169Kb / 2P
   10 WATT, Universal Input PCB Mountable Switching Power Supply
More results

Similar Description - KRS10F-24S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KRS10F ETC1-KRS10F Datasheet
169Kb / 2P
   10 WATT, Universal Input PCB Mountable Switching Power Supply
logo
Volgen Kaga Electronics...
KRS10F VOLGEN-KRS10F_13 Datasheet
298Kb / 2P
   10 WATT, Universal Input PCB Mountable Switching Power Supply
KRS25F-03 VOLGEN-KRS25F-03 Datasheet
71Kb / 2P
   25 WATT, Universal Input PCB Mountable Switching Power
logo
List of Unclassifed Man...
SPN15 ETC1-SPN15 Datasheet
320Kb / 2P
   15 WATT, Universal Input Fully Enclosed Switching Power Supply
logo
Volgen Kaga Electronics...
SPN30 VOLGEN-SPN30 Datasheet
315Kb / 2P
   30 WATT, Universal Input Fully Enclosed Switching Power Supply
logo
List of Unclassifed Man...
SP15U ETC1-SP15U Datasheet
195Kb / 2P
   15-WATT, Universal Input Fully Enclosed Switching Power Supply
logo
Volgen Kaga Electronics...
SPN15 VOLGEN-SPN15 Datasheet
320Kb / 2P
   15 WATT, Universal Input Fully Enclosed Switching Power Supply
SPN50 VOLGEN-SPN50 Datasheet
311Kb / 2P
   50 WATT, Universal Input Fully Enclosed Switching Power Supply
logo
List of Unclassifed Man...
SPN30-05S ETC2-SPN30-05S Datasheet
315Kb / 2P
   30 WATT, Universal Input Fully Enclosed Switching Power Supply
SPN100 ETC1-SPN100 Datasheet
203Kb / 2P
   100 WATT, Universal Input Fully Enclosed Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com