Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E6CP Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E6CP
Description  Absolute Rotary Encoder
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E6CP Datasheet(HTML) 4 Page - Omron Electronics LLC

  E6CP Datasheet HTML 1Page - Omron Electronics LLC E6CP Datasheet HTML 2Page - Omron Electronics LLC E6CP Datasheet HTML 3Page - Omron Electronics LLC E6CP Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
E6CP
E6CP
4
s MOUNTING BRACKET E69-FCA-02
5.5 mm (0.22 dia.) hole
Two C1
8
18
(0.71)
16
(0.63)
2
5.1
3.1
68
±0.2 (2.68) dia.
120
°
120
°
120
°
Panel
Three M5
25
(0.98)
dia.
9 (0.35)
16
(0.63)
s ACCESSORIES
Shaft Coupler E69-C06B
Note:
1. Material: Glass-filled polybutadiene terephthalate (PBT).
2. Each set screw must be tightened to 2.5 kg-cm (2.17 in-lbs.)
2.8
Four M3 set screws
22 (0.873)
11
16.4
6 (0.24)
dia.
15 (0.59) dia.
Extension Cable E69-DF5
16.9 (0.66) dia.
37 (1.46)
34.6 (1.36)
16.9 (0.66) dia.
5,000
Oil-resistant, vinyl-insulated and shielded cable,
6 mm OD, 5 m (16.40 ft.) length
5.5
5.5
2.8
NOTE: DIMENSIONS ARE IN MILLIMETERS. To convert millimeters to inches, divide by 25.4.
OMRON ELECTRONICS, INC.
OMRON CANADA, INC.
One East Commerce Drive
885 Milner Avenue
Schaumburg, IL 60173
Scarborough, Ontario M1B 5V8
1-800-55-OMRON
416-286-6465
Cat. No. GC RE/CP3
5/98
Specifications subject to change without notice.
Printed in the U.S.A.


Similar Part No. - E6CP

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E6CP-AG5C-C2562M OMRON-E6CP-AG5C-C2562M Datasheet
3Mb / 32P
   This Compact Cam Positioner, Popular for Its Ease-of-use, Now Comes with Even Better Functions.
More results

Similar Description - E6CP

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E6F-A OMRON-E6F-A Datasheet
84Kb / 2P
   Absolute Rotary Encoder
E6C2-A OMRON-E6C2-A Datasheet
215Kb / 16P
   Absolute Rotary Encoder
logo
CUI INC
MAS17 CUI-MAS17 Datasheet
125Kb / 3P
   absolute encoder
MAS10 CUI-MAS10 Datasheet
73Kb / 3P
   absolute encoder
MAH36 CUI-MAH36 Datasheet
106Kb / 3P
   absolute encoder
MAH17 CUI-MAH17 Datasheet
107Kb / 3P
   absolute encoder
MAS60 CUI-MAS60 Datasheet
334Kb / 3P
   absolute encoder
logo
ams AG
AS5030 AMSCO-AS5030 Datasheet
283Kb / 3P
   8-BIT PROGRAMMABLE HIGH SPEED ABSOLUTE MAGNETIC ROTARY ENCODER
logo
IC-Haus GmbH
IC-TW11 ICHAUS-IC-TW11 Datasheet
786Kb / 25P
   10-BIT ULTRA LOW POWER MAGNETIC ABSOLUTE ROTARY ENCODER
logo
Bourns Electronic Solut...
EAW0J-B24-AE0128L BOURNS-EAW0J-B24-AE0128L Datasheet
274Kb / 5P
   Absolute encoder / absolute code output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com