Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CO-764PSB18126 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # CO-764PSB18126
Description  Surface Mount Oven Controlled Crystal Oscillators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CO-764PSB18126 Datasheet(HTML) 4 Page - Vectron International, Inc

  CO-764PSB18126 Datasheet HTML 1Page - Vectron International, Inc CO-764PSB18126 Datasheet HTML 2Page - Vectron International, Inc CO-764PSB18126 Datasheet HTML 3Page - Vectron International, Inc CO-764PSB18126 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CO-760PS Series Surface Mount Oven Controlled Crystal Oscillators
USA: Vectron International • 267 Lowell Road Hudson, NH 03051 . . . . . . Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
EUROPE: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Tel: 49 (0) 3328 4784 17 * Fax: 49 (0) 3328 4784 30
ASIA: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Tel: +86 21 28909740 / 41 / 42 Fax: +86 21 28909240 / 28909999
Vectron International reserves the right to make changes to the product(s) and/or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Printed in the USA 12/99, 8/02
www.vectron.com
4
Tape and Reel
How To Order
CO-76
Aging
4 = 5x10-9/day (5x10-7/yr)
6 = 3x10-9/day (3x10-7/yr)
7= 1x10-9/day (1x10-7/yr)
8= 5x10-10/day (5x10-8/yr)
optional for some frequencies
Temperature Stability
(see page 2)
(eg. B58= ±5x10-8 over 0°C to +50°C)
Frequency
PS
For additional information please contact:
Output Option
1: HCMOS/LSTTL
2: Sinewave
3: LVCMOS with
+3.3 volt supply
Note: Dimensions in mm


Similar Part No. - CO-764PSB18126

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CO-764PSB38 ETC-CO-764PSB38 Datasheet
124Kb / 4P
   Surface Mount Oven Controlled Crystal Oscillators
More results

Similar Description - CO-764PSB18126

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CO-760PS ETC-CO-760PS Datasheet
124Kb / 4P
   Surface Mount Oven Controlled Crystal Oscillators
logo
Vectron International, ...
OC-290 VECTRON-OC-290 Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillators
logo
Abracon Corporation
AOCJYR-20.000MHZ-M5627LF ABRACON-AOCJYR-20.000MHZ-M5627LF Datasheet
3Mb / 4P
   Oven Controlled Crystal Oscillators
08.19.14
AOCJYR-10.000MHZ-M5625LF ABRACON-AOCJYR-10.000MHZ-M5625LF Datasheet
3Mb / 4P
   Oven Controlled Crystal Oscillators
08.18.14
logo
Vectron International, ...
OC-050 VECTRON-OC-050 Datasheet
53Kb / 1P
   Oven Controlled Crystal Oscillators
OC-260 VECTRON-OC-260 Datasheet
91Kb / 2P
   Oven Controlled Crystal Oscillators
logo
BOWEI Integrated Circui...
OX12 BOWEI-OX12 Datasheet
87Kb / 1P
   Oven Controlled Crystal Oscillators
OX36D-H-MR-V@10M BOWEI-OX36D-H-MR-V@10M Datasheet
202Kb / 1P
   Oven Controlled Crystal Oscillators
OX20 BOWEI-OX20 Datasheet
283Kb / 1P
   Oven Controlled Crystal Oscillators
logo
Abracon Corporation
AOCJYR-24.576MHZ-M6069LF ABRACON-AOCJYR-24.576MHZ-M6069LF Datasheet
2Mb / 4P
   Oven Controlled Crystal Oscillators
08.20.14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com