Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRU050-GCCHB-65M0000000 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # TRU050-GCCHB-65M0000000
Description  Complete VCXO based Phase-Locked Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TRU050-GCCHB-65M0000000 Datasheet(HTML) 4 Page - Vectron International, Inc

  TRU050-GCCHB-65M0000000 Datasheet HTML 1Page - Vectron International, Inc TRU050-GCCHB-65M0000000 Datasheet HTML 2Page - Vectron International, Inc TRU050-GCCHB-65M0000000 Datasheet HTML 3Page - Vectron International, Inc TRU050-GCCHB-65M0000000 Datasheet HTML 4Page - Vectron International, Inc TRU050-GCCHB-65M0000000 Datasheet HTML 5Page - Vectron International, Inc TRU050-GCCHB-65M0000000 Datasheet HTML 6Page - Vectron International, Inc TRU050-GCCHB-65M0000000 Datasheet HTML 7Page - Vectron International, Inc TRU050-GCCHB-65M0000000 Datasheet HTML 8Page - Vectron International, Inc TRU050-GCCHB-65M0000000 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TRU050, VCXO Based PLL
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 4 of 14
Rev: 26Aug2008
TRU050 Theory of Operation
Phase Detector
The phase detector has two buffered inputs, DATAIN and CLKIN, which are designed to switch at 1.4 volts.
DATAIN is designed to accept an NRZ data stream but may also be used for clock signals which have about
a 50% duty cycle. CLKIN is connected to OUT1 or OUT2, or a divided version of one of these outputs. CLKIN
and DATAIN and are protected by ESD diodes and should not exceed the power supply voltage or ground by
more than a few hundred millivolts.
The phase detector is basically a latched flip flop/exclusive-or gate/differential amplifier filter design to
produce a DC signal proportional to the phase between the CLKIN and DATAIN signals, see figure 4 for a
block diagram and figure 5 for a open loop transfer curve. This simplies the PLL design as the designer does
not have to filter narrow pulse signal to a DC level. Under locked conditions the rising edge CLKIN will be
centered in the middle of the DATAIN signal, see figure 6.
The phase detector gain is 0.53V/rad x data density for 5volt operation, and 0.35V/rad x data density for 3.3
volt operation. Data density = 1.0 for clock signals and is system dependent on coding and design for NRZ
signals, but 0.25 could be used as a starting point for data density.
The phase detector output is a DC signal for DATAIN frequencies greater than 1MHz but produces signficant
ripple when inputs are less than 200kHz. Additional filtering is required for low input frequency applications
such as 8kHz frequency translation, see figures 8 and 9.
Under closed loop conditions the active filter has a blocking capacitor which provides a very high DC gain, so
under normal locked conditions and input frequencies >1MHz, PHO will be about VDD/2 and will not vary
signifigantly with changes in input frequency (within lock range). The control (voltage pin 1) will vary
according to the input frequency offset, but PHO will remain relatively constant.
D
Q1
Q2
D
Gain = 2 / 3
Gain = 5 V / 2
π
30 k
Ω
20 k
Ω
PHO
(pin 6)
Clock In
(pin 9)
Data In
(pin 7)
Figure 4. Simplified Phase Detector Block Diagram


Similar Part No. - TRU050-GCCHB-65M0000000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRU050-GCCHA ETC-TRU050-GCCHA Datasheet
4Mb / 17P
   SINGLE DROP IN QUARTZ STABILIZED PLL SOLUTUION
More results

Similar Description - TRU050-GCCHB-65M0000000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
CD-700 VECTRON-CD-700_09 Datasheet
553Kb / 12P
   Complete VCXO Based Phase Lock Loop
CD-700 VECTRON-CD-700 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
logo
List of Unclassifed Man...
CD-700 ETC1-CD-700 Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com