Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTC3-H15E-1M00 Datasheet(PDF) 6 Page - Vectron International, Inc

Part # VTC3-H15E-1M00
Description  Voltage Controlled Temperature Compensated Crystal Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VTC3-H15E-1M00 Datasheet(HTML) 6 Page - Vectron International, Inc

  VTC3-H15E-1M00 Datasheet HTML 1Page - Vectron International, Inc VTC3-H15E-1M00 Datasheet HTML 2Page - Vectron International, Inc VTC3-H15E-1M00 Datasheet HTML 3Page - Vectron International, Inc VTC3-H15E-1M00 Datasheet HTML 4Page - Vectron International, Inc VTC3-H15E-1M00 Datasheet HTML 5Page - Vectron International, Inc VTC3-H15E-1M00 Datasheet HTML 6Page - Vectron International, Inc VTC3-H15E-1M00 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
VTD3 Data Sheet
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail vectron@vectron.com
6
Ordering Information
Table 8. Standard Frequency List
10.00
11.00
12.288
12.352
12.50
12.80
13.00
14.31818
14.40
15.36
16.384
16.80
19.20
19.44
19.6608
19.68
20.00
26.88
27.00
32.00
32.768
44.00
44.736
50.000
VTD3 -
-
Product Family
Output Frequency
TCXO, 9.6 x 11.5
In MHz
Voltage Options
Temperature Options
H: +5.0 Vdc ±5%
A: 0 to 55°C
J: +3.3 Vdc ±5%
B: -10 to 60°C
C: -20 to 70°C
Pulling Range
D: -30 to 75°C
0: Fixed TCXO, no adjust
E: -40 to 85°C
1: ±5ppm
2: ±8ppm
Stability Options
3: ±10ppm
1: ±1.0ppm
4: ±15ppm
B: ±1.5ppm
2: ±2.0ppm
C: ±2.5ppm
3: ±3.0 ppm
4: ±4.0ppm
5: ±5.0ppm
Note: Not all combinations are available
www.vectron.com
August 13 2007
For Additional Information, Please Contact:
USA: Vectron International
• 267 Lowell Road, Hudson, NH 03051
• Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
EUROPE: Landstrasse, D-74924, Neckarbischofsheim, Germany
Tel: 49 (0) 7268 8010
• Fax: 49 (0) 7268 801281
ASIA: Vectron Asia Pacific Sales 1F~2F. No.8 Workshop No.308 Fenju Rd.,
WaiGaoQiao Free Trade Zone, Pudong New Area Shanghai, China 200131
•Tel: 8621 50480777 • Fax: 8621 50481881
J
0
C
10M00
2


Similar Part No. - VTC3-H15E-1M00

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
VTC321474LABEBXDPEZC-PF ACT-VTC321474LABEBXDPEZC-PF Datasheet
779Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
VTC321474LABEBXDPEZD-PF ACT-VTC321474LABEBXDPEZD-PF Datasheet
779Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
VTC321474LABEBXDPEZL-PF ACT-VTC321474LABEBXDPEZL-PF Datasheet
779Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
VTC321474LADEBXDPEZC-PF ACT-VTC321474LADEBXDPEZC-PF Datasheet
779Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
VTC321474LADEBXDPEZD-PF ACT-VTC321474LADEBXDPEZD-PF Datasheet
779Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
More results

Similar Description - VTC3-H15E-1M00

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX-12 ABRACON-ASTX-12 Datasheet
2Mb / 2P
   TEMPERATURE COMPENSATED/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
03.01.07
ASVTX-09 ABRACON-ASVTX-09 Datasheet
154Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
5.03.07
logo
RF Monolithics, Inc
XVT9009 RFM-XVT9009 Datasheet
564Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9006 RFM-XVT9006 Datasheet
453Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003-1 RFM-XVT9003-1 Datasheet
462Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003 RFM-XVT9003 Datasheet
284Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASVTX-09 ABRACON-ASVTX-09_07 Datasheet
155Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
09.20.07
logo
Vectron International, ...
VTC1 VECTRON-VTC1 Datasheet
202Kb / 9P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CVT32 CRYSTEKCRYSTAL-CVT32_15 Datasheet
74Kb / 1P
   Temperature Compensated Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VTC21 VECTRON-VTC21 Datasheet
187Kb / 6P
   Voltage Controlled Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com