Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U673D688H012HS1C Datasheet(PDF) 7 Page - Vishay Siliconix

Part # U673D688H012HS1C
Description  Aluminum Capacitors 105 °C, Tubular Radial Lead
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

U673D688H012HS1C Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button U673D688H012HS1C Datasheet HTML 3Page - Vishay Siliconix U673D688H012HS1C Datasheet HTML 4Page - Vishay Siliconix U673D688H012HS1C Datasheet HTML 5Page - Vishay Siliconix U673D688H012HS1C Datasheet HTML 6Page - Vishay Siliconix U673D688H012HS1C Datasheet HTML 7Page - Vishay Siliconix U673D688H012HS1C Datasheet HTML 8Page - Vishay Siliconix U673D688H012HS1C Datasheet HTML 9Page - Vishay Siliconix U673D688H012HS1C Datasheet HTML 10Page - Vishay Siliconix U673D688H012HS1C Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
U673D and U674D
Vishay Sprague
Aluminum Capacitors
+ 105 °C, Tubular Radial Lead
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42057
438
Revision: 16-Jul-08
50 WVDC AT + 105 °C, SURGE = 75 V
2200.0
U673D228F050HP1C
0.895 x 2.650 [22.7 x 67.3]
39.0
18.7
7.35
22.0
2700.0
U673D278F050HS1C
0.895 x 3.150 [22.7 x 80.0]
31.4
15.7
8.65
19.0
3300.0
U673D338F050HT1C
0.895 x 3.650 [22.7 x 92.7]
27.0
13.9
9.82
17.0
820.0
U673D828F050JE1C
1.020 x 1.150 [25.9 x 29.2]
112.0
51.4
3.45
54.0
1500.0
U673D158F050JJ1C
1.020 x 1.650 [25.9 x 41.9]
58.0
27.8
5.37
31.0
2200.0
U673D228F050JL1C
1.020 x 2.150 [25.9 x 54.6]
39.0
19.7
7.09
23.0
3300.0
U673D338F050JP1C
1.020 x 2.650 [25.9 x 67.3]
30.0
15.9
8.61
20.0
3900.0
U673D398F050JS1C
1.020 x 3.150 [25.9 x 80.0]
25.0
13.6
10.10
18.0
4700.0
U673D478F050JT1C
1.020 x 3.650 [25.9 x 92.7]
21.6
12.0
11.40
16.0
63 WVDC AT + 105 °C, SURGE = 85 V
330.0
U673D337F063GE1C
0.770 x 1.150 [19.6 x 29.2]
236.0
89.0
2.13
93.0
680.0
U673D687F063GJ1C
0.770 x 1.650 [19.6 x 41.9]
117.0
47.0
3.44
50.0
1000.0
U673D108F063GL1C
0.770 x 2.150 [19.6 x 54.6]
79.0
33.3
4.61
36.0
1200.0
U673D128F063GP1C
0.770 x 2.650 [19.6 x 67.3]
63.0
27.0
5.61
30.0
1800.0
U673D188F063GS1C
0.770 x 3.150 [19.6 x 80.0]
49.9
22.0
6.71
25.0
2200.0
U673D228F063GT1C
0.770 x 3.650 [19.6 x 92.7]
41.7
18.9
7.74
22.0
560.0
U673D567F063HE1C
0.895 x 1.150 [22.7 x 29.2]
159.0
66.0
2.79
69.0
1000.0
U673D108F063HJ1C
0.895 x 1.650 [22.7 x 41.9]
82.0
35.4
4.38
38.0
1500.0
U673D158F063HL1C
0.895 x 2.150 [22.7 x 54.6]
54.0
24.5
5.87
28.0
2200.0
U673D228F063HP1C
0.895 x 2.650 [22.7 x 67.3]
41.0
19.3
7.24
22.0
2700.0
U673D278F063HS1C
0.895 x 3.150 [22.7 x 80.0]
34.6
16.6
8.42
20.0
3300.0
U673D338F063HT1C
0.895 x 3.650 [22.7 x 92.7]
29.0
14.5
9.61
18.0
680.0
U673D687F063JE1C
1.020 x 1.150 [25.9 x 29.2]
122.0
51.0
3.70
54.0
1500.0
U673D158F063JJ1C
1.020 x 1.650 [25.9 x 41.9]
63.0
28.0
5.54
31.0
2200.0
U673D228F063JL1C
1.020 x 2.150 [25.9 x 54.6]
42.0
20.6
6.93
24.0
2700.0
U673D278F063JP1C
1.020 x 2.650 [25.9 x 67.3]
32.9
16.5
8.45
20.0
3900.0
U673D398F063JS1C
1.020 x 3.150 [25.9 x 80.0]
27.0
14.0
9.85
18.0
4700.0
U673D478F063JT1C
1.020 x 3.650 [25.9 x 92.7]
23.3
12.4
11.20
16.0
75 WVDC AT + 105 °C, SURGE = 100 V
270.0
U673D277F075GE1C
0.770 x 1.150 [19.6 x 29.2]
311.0
141.0
1.73
145.0
560.0
U673D567F075GJ1C
0.770 x 1.650 [19.6 x 41.9]
150.0
70.0
2.84
73.0
820.0
U673D827F075GL1C
0.770 x 2.150 [19.6 x 54.6]
101.0
48.0
3.84
51.0
1200.0
U673D128F075GP1C
0.770 x 2.650 [19.6 x 67.3]
77.0
37.3
4.77
40.0
1500.0
U673D158F075GS1C
0.770 x 3.150 [19.6 x 80.0]
63.0
30.7
5.68
34.0
1800.0
U673D188F075GT1C
0.770 x 3.650 [19.6 x 92.7]
53.0
26.4
6.55
30.0
390.0
U673D397F075HE1C
0.895 x 1.150 [22.7 x 29.2]
214.0
100.0
2.27
104.0
820.0
U673D827F075HJ1C
0.895 x 1.650 [22.7 x 41.9]
104.0
50.0
3.67
53.0
1200.0
U673D128F075HL1C
0.895 x 2.150 [22.7 x 54.6]
73.0
36.0
4.83
39.0
1800.0
U673D188F075HP1C
0.895 x 2.650 [22.7 x 67.3]
54.0
27.5
6.06
31.0
2200.0
U673D228F075HS1C
0.895 x 3.150 [22.7 x 80.0]
45.0
23.0
7.12
26.0
2700.0
U673D278F075HT1C
0.895 x 3.650 [22.7 x 92.7]
37.0
19.8
8.23
23.0
560.0
U673D567F075JE1C
1.020 x 1.150 [25.9 x 29.2]
159.0
78.0
2.81
81.0
1200.0
U673D128F075JJ1C
1.020 x 1.650 [25.9 x 41.9]
82.0
41.4
4.40
44.0
1800.0
U673D188F075JL1C
1.020 x 2.150 [25.9 x 54.6]
53.9
28.0
5.95
30.0
2200.0
U673D228F075JP1C
1.020 x 2.650 [25.9 x 67.3]
41.8
22.2
7.29
25.0
2700.0
U673D278F075JS1C
1.020 x 3.150 [25.9 x 80.0]
33.7
18.5
8.60
22.0
3300.0
U673D338F075JT1C
1.020 x 3.650 [25.9 x 92.7]
29.0
16.2
9.80
19.0
STANDARD RATINGS in inches [millimeters]
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. ESR
AT + 25 °C (m
Ω)
MAX. RIPPLE
AT + 85 °C (A)
MAX. Z
AT 100 kHz
(m
Ω)
120 Hz
20 kHz to 40 kHz
20 kHz to 40 kHz


Similar Part No. - U673D688H012HS1C

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
U67-27-14 FERROXCUBE-U67-27-14 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14 FERROXCUBE-U67/27/14 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14-3C81 FERROXCUBE-U67/27/14-3C81 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14-3C91 FERROXCUBE-U67/27/14-3C91 Datasheet
41Kb / 3P
   U, I cores and accessories
logo
Renesas Technology Corp
U67A RENESAS-U67A Datasheet
577Kb / 73P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - U673D688H012HS1C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
601D VISHAY-601D_13 Datasheet
112Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 26-Apr-13
601D VISHAY-601D_V01 Datasheet
115Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
19-Mar-18
601D VISHAY-601D Datasheet
43Kb / 2P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 17-Nov-06
601D VISHAY-601D_08 Datasheet
148Kb / 3P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 10-Jul-08
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M_13 Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com