Electronic Components Datasheet Search |
|
P30LMEAPRR502MA Datasheet(PDF) 3 Page - Vishay Siliconix |
|
P30LMEAPRR502MA Datasheet(HTML) 3 Page - Vishay Siliconix |
3 / 5 page Document Number: 51056 For technical questions, contact: sfer@vishay.com www.vishay.com Revision: 04-Sep-08 3 P30L Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed Vishay Sfernice MECHANICAL SPECIFICATIONS Mechanical Travel 300° ± 5 Operating Torque (Typical) 3 Ncm max. 4.25 oz.-inch max. End Stop Torque 70 Ncm max. 99 oz.-inch max. Tightening Torque of Mounting Nut 250 Ncm max. 22.13 lb-inch max. Unit Weight 23 to 32 g max. 0.8 to 1.13 oz. Terminals e3: pure Sn ENVIRONMENTAL SPECIFICATIONS Temperature Range - 40 °C to 100 °C Climatic Category 40/100/56 Sealing Fully sealed - Container IP67 OPTIONS Special Feature Command Shaft Length is measured from the mounting surface to the free end of the shaft. The screwdriver slot is aligned with the wiper within ± 10°. Special shafts are available, in accordance to drawings supplied by customers. We recommend that customers should not machine tool shafts, in order to avoid damage. Bending or torsion of terminals should also be avoided. Panel Sealing The panel sealing device consists of a ring located in a groove on the potentiometer face. Sealing is obtained by tightening the ring against the panel when mounting the potentiometer. Locating Peg Location is obtained by fitting a special washer on the mounting face of the potentiometer. MARKING • VISHAY trademark • Model • Ohmic Value code • Tolerance code • Manufacturing date code • Marking of terminals 3, and a, b, c APPLICATION NOTE The potentiometer shall be used in voltage divider with an impedance load at least 100 times higher than the total potentiometer nominal resistance value. Advised load impedance: 1 M Ω min. for resistance range of 1kΩ to 50 kΩ (1) a (2) b c (3) cw 1 M Ω min. |
Similar Part No. - P30LMEAPRR502MA |
|
Similar Description - P30LMEAPRR502MA |