Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPE-288-14-06 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HPE-288-14-06
Description  Thermoelectric module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HPE-288-14-06 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HPE-288-14-06 Datasheet HTML 1Page - List of Unclassifed Manufacturers HPE-288-14-06 Datasheet HTML 2Page - List of Unclassifed Manufacturers HPE-288-14-06 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specification
: TE -module HPE-288-14-06
Issue 2
Issued: 29/05/2008
1 / 2
SPECIFICATION
Product
:Thermoelectric module
Part Number
:HPE-288-14-06
1
. Scope
1
—1
This specification is applied to Multicomp thermoelectric modules
1
—2
Revision of these specifications is carried out after consent.
2
. Specification
2
-1
Parameters
Parameters
Remarks
Internal resistance
1.90 Ω
± 10%
Note-1
Imax.
15.4 A
Note-2
Vmax.
35.8 V
Note-3
Th=25
Qmax.
340.0 W
Note-4
⊿Tmax.
68
Note-5
solder melting point
138
Note-6
Maximum. compress.
1MPa
Note-7
Note-1 Measured by AC 4-terminal method at 25
℃.
Note-2 Maximum current at
⊿Tmax.
Note-3 Maximum voltage at
⊿Tmax.
Note-4 Maximum cooling capacity at Imax.,Vmax. and
⊿T=0℃.
Note-5 Maximum temperature difference at Imax.,Vmax. and Q
=0W.
(Maximum parameters are measured in a vacuum 1.3P)
Note-6 The solder melting point of thermoelectric module
Note-7 Recommended maximum compression (not destruction limit)


Similar Part No. - HPE-288-14-06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPE-288-10-05 ETC2-HPE-288-10-05 Datasheet
583Kb / 3P
   Thermoelectric module
HPE-288-10-08 ETC2-HPE-288-10-08 Datasheet
564Kb / 3P
   Thermoelectric module
More results

Similar Description - HPE-288-14-06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPE-71-10-08 ETC2-HPE-71-10-08 Datasheet
506Kb / 3P
   Thermoelectric module
HPE-288-10-08 ETC2-HPE-288-10-08 Datasheet
564Kb / 3P
   Thermoelectric module
PE1-7107AC ETC2-PE1-7107AC Datasheet
127Kb / 2P
   Thermoelectric module
HPE-288-10-05 ETC2-HPE-288-10-05 Datasheet
583Kb / 3P
   Thermoelectric module
logo
II-VI Marlow, Inc.
NL3021T-AC-BC VIMARLOW-NL3021T-AC-BC Datasheet
481Kb / 2P
   Thermoelectric Module
logo
RMT Ltd.
2MDX06-022-0510 RMT-2MDX06-022-0510 Datasheet
223Kb / 3P
   Thermoelectric Module
1MC06-126-05 RMT-1MC06-126-05 Datasheet
255Kb / 4P
   Thermoelectric Module
1MC06-142-05 RMT-1MC06-142-05 Datasheet
252Kb / 4P
   Thermoelectric Module
1MD04-003-05 RMT-1MD04-003-05 Datasheet
248Kb / 4P
   Thermoelectric module
1MD04-004-03-1 RMT-1MD04-004-03-1 Datasheet
542Kb / 5P
   Thermoelectric Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com