Electronic Components Datasheet Search |
|
TS1872I Datasheet(PDF) 3 Page - STMicroelectronics |
|
TS1872I Datasheet(HTML) 3 Page - STMicroelectronics |
3 / 10 page TS1871-TS1872-TS1874 3/10 ELECTRICAL CHARACTERISTICS V CC = +1.8V,Vee = 0V,Tamb =25 oC (unless otherwise specified) Symbol Parameter Min. Typ. Max. Unit V io Input Offset Voltage TS1871/2/4 TS1871A/2A/4A 0.1 3 1 mV DV io Input Offset Voltage Drift 2 mV/ oC I io Input Offset Current - note 1 3 28 nA I ib Input Bias Current - note 1 40 125 nA CMR Common Mode Rejection Ratio 0 £ V icm £ Vcc 55 77 dB SVR Supply Voltage Rejection Ratio V icm = 0.5V 70 80 dB A vd Large Signal Voltage Gain R L =2kW R L = 600W 77 70 92 85 dB V OH High Level Output Voltage R L =2kW R L = 600W 1.65 1.62 1.77 1.74 V V OL Low Level Output Voltage R L =2kW R L = 600W 88 115 110 150 mV I o Output Source Current V ID = 100mV, VO =VDD Output Sink Current V ID = -100mV, VO =VCC 20 20 65 65 mA I CC Supply Current (per amplifier) AVCL = 1, no load 400 560 mA GBP Gain Bandwidth Product R L = 10kW,CL = 100pF, f = 100kHz 0.9 1.6 MHz SR Slew Rate R L = 10kW,CL = 100pF, AV = 1 0.38 0.54 V/ms f m Phase Margin C L = 100pF 53 Degrees en Input Voltage Noise f = 1kHz 40 nV/ Hz THD Total Harmonic Distortion 0.01 % Note : 1. Maximum values including unavoidable inaccuracies of the industrial test. |
Similar Part No. - TS1872I |
|
Similar Description - TS1872I |