Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV500V Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HV500V
Description  Ceramic Disc Capacitors Class 1 and 2, 500 V (DC) General Purpose
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HV500V Datasheet(HTML) 2 Page - Vishay Siliconix

  HV500V Datasheet HTML 1Page - Vishay Siliconix HV500V Datasheet HTML 2Page - Vishay Siliconix HV500V Datasheet HTML 3Page - Vishay Siliconix HV500V Datasheet HTML 4Page - Vishay Siliconix HV500V Datasheet HTML 5Page - Vishay Siliconix HV500V Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number 28513
36
Revision 19-Jan-07
HV 500 V
Vishay BCcomponents
Ceramic Disc Capacitors
Class 1 and 2, 500 V (DC) General Purpose
Notes
1. Maximum thickness 4.0 mm
2. SH = seated height
3. Lead style codes refer to inward kinked leads. Other styles available on request
ORDERING INFORMATION (PREFERED TYPES), CLASS 1, 500 V (DC), KINKED
C
(pF)
TOL.
(%)
Dmax
(mm)
LEAD SPACING
F
(mm)
SH(2)
(mm)
CLEAR TEXT CODE
13th DIGIT:
T = REEL; U = AMMO; 3 = BULK
16th DIGIT:
R = RoHS COMPLIANT
CLASS 1 NP0
10
± 5
5.0
5.0
4.0
D100J20C0GL6.J5.
12
D120J20C0GL6.J5.
15
D150J20C0GL6.J5.
18
6.5
D180J25C0GL6.J5.
22
D220J25C0GL6.J5.
27
D270J25C0GL6.J5.
CLASS 1 SL0
33
± 5
5.0
5.0
4.0
D330J20SL0L6.J5.
39
D390J20SL0L6.J5.
47
D470J20SL0L6.J5.
56
D560J20SL0L6.J5.
68
6.5
D680J25SL0L6.J5.
82
D820J25SL0L6.J5.
ORDERING INFORMATION (PREFERED TYPES), CLASS 2, 500 V (DC), KINKED
C
(pF)
TOL.
(%)
Dmax
(mm)
LEAD SPACING
F
(mm)
SH(2)
(mm)
CLEAR TEXT CODE
13th DIGIT:
T = REEL; U = AMMO; 3 = BULK
16th DIGIT:
R = RoHS COMPLIANT
CLASS 2 Y5P
100
± 10
5.0
5.0
4.0
D101K20Y5PL6.J5.
150
D151K20Y5PL6.J5.
220
D221K20Y5PL6.J5.
330
D331K20Y5PL6.J5.
470
D471K20Y5PL6.J5.
680
6.5
D681K25Y5PL6.J5.
1000
D102K25Y5PL6.J5.
1500
7.5
D152K29Y5PL6.J5.
2200
8.5
D222K33Y5PL6.J5.
3300
10.0
D332K39Y5PL6.J5.
4700
11.0
D472K43Y5PL6.J5.
6800
13.5
7.5
D682K53Y5PL6.J7
10 000
17.5
D103K69Y5PL6.J7.
CLASS 2 Y5V
1000
+ 80 /- 20
5.0
5.0
4.0
D102Z20Y5VL6.J5.
1500
D152Z20Y5VL6.J5.
2200
6.5
D222Z25Y5VL6.J5.
3300
D322Z25Y5VL6.J5.
4700
7.5
D472Z29Y5VL6.J5.
6800
8.5
D682Z33Y5VL6.J5.
10 000
10.0
D103Z39Y5VL6.J5.
15 000
11.0
D153Z43Y5VL6.J5.
22 000
13.5
7.5
D223Z53Y5VL6.J7.


Similar Part No. - HV500V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HV500V VISHAY-HV500V Datasheet
134Kb / 6P
   Ceramic Disc Capacitors Class 1 and 2, 500 V (DC) General Purpose
Revision 28-Sep-06
HV500V VISHAY-HV500V Datasheet
294Kb / 5P
   Ceramic Disc Capacitors Class 1, 500 V (DC) Narrow Tolerance
Revision: 20-Mar-07
HV500V VISHAY-HV500V_1 Datasheet
294Kb / 5P
   Ceramic Disc Capacitors Class 1, 500 V (DC) Narrow Tolerance
Revision: 20-Mar-07
More results

Similar Description - HV500V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HV500V VISHAY-HV500V Datasheet
134Kb / 6P
   Ceramic Disc Capacitors Class 1 and 2, 500 V (DC) General Purpose
Revision 28-Sep-06
D331K20Y5PL6TJ5R VISHAY-D331K20Y5PL6TJ5R Datasheet
303Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
Revision: 07-Jan-10
LV100V VISHAY-LV100V Datasheet
102Kb / 5P
   Ceramic Disc Capacitors Class 1 and 2, 100 V (DC) General Purpose
Revision: 23-Feb-05
LV50V VISHAY-LV50V Datasheet
113Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
Revision: 07-Apr-08
D102K20Y5PH6TJ6R VISHAY-D102K20Y5PH6TJ6R Datasheet
323Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D471K20Y5PH63L2R VISHAY-D471K20Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D332K29Y5PH63L2R VISHAY-D332K29Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
HV500V VISHAY-HV500V_1 Datasheet
294Kb / 5P
   Ceramic Disc Capacitors Class 1, 500 V (DC) Narrow Tolerance
Revision: 20-Mar-07
DSERIES VISHAY-DSERIES Datasheet
126Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
01-Jan-2022
HV1KV-6KV VISHAY-HV1KV-6KV Datasheet
389Kb / 11P
   Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Revision: 26-Oct-06
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com