Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRA12E168KGTL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CRA12E168KGTL
Description  Thick Film Resistor Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRA12E168KGTL Datasheet(HTML) 3 Page - Vishay Siliconix

  CRA12E168KGTL Datasheet HTML 1Page - Vishay Siliconix CRA12E168KGTL Datasheet HTML 2Page - Vishay Siliconix CRA12E168KGTL Datasheet HTML 3Page - Vishay Siliconix CRA12E168KGTL Datasheet HTML 4Page - Vishay Siliconix CRA12E168KGTL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions, contact: filmresistors.thickfilmchip@vishay.com
Document Number: 31003
262
Revision: 13-Oct-08
CRA12E, CRA12S
Vishay
Thick Film Resistor Array
DIMENSIONS
The dimensions shown are for 8 pin part. For parts with different pin
numbers use the same pitch and add or substract pads as required.
- 55
- 25
0
25
50
75
100
125
155 175
120
100
80
60
40
20
0
70
Derating
Ambient Temperature in °C
E-Version
103
S-Version
1
PIN 1
e
e
a
a
103
8 -Terminal device
MODEL
PIN
NO#
DIMENSIONS [in millimeters]
LA
A*
B
B*
P
T
W
CRA12E
4
2.54
0.79
-
0.51
0.38
1.27
0.53
3.05
CRA12E
8
5.08
0.79
-
0.51
0.38
1.27
0.53
3.05
CRA12S
8
5.08
0.79
0.89
0.51
0.38
1.27
0.53
3.05
CRA12E
10
6.40
0.79
-
0.51
0.38
1.27
0.53
3.05
CRA12S
10
6.40
0.79
0.89
0.51
0.38
1.27
0.53
3.05
CRA12E
16
10.30
0.79
-
0.51
0.38
1.27
0.53
3.05
TOL. - 0.15 - 0.15 - 0.15 - 0.25 - 0.2
- 0.1
- 0.1 - 0.15
SOLDER PAD DIMENSIONS [in millimeters]
cw
d
p
a
b
e
WAVE
2.2
4.3
0.57
1.27
0.71
1.05
1.09
REFLOW
2.2
3.9
0.57
1.27
0.71
0.86
1.09


Similar Part No. - CRA12E168KGTL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA12E101KFTL VISHAY-CRA12E101KFTL Datasheet
116Kb / 5P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA12E101KFTR VISHAY-CRA12E101KFTR Datasheet
116Kb / 5P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA12E101KGTL VISHAY-CRA12E101KGTL Datasheet
116Kb / 5P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA12E101KGTR VISHAY-CRA12E101KGTR Datasheet
116Kb / 5P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA12E101KJTL VISHAY-CRA12E101KJTL Datasheet
116Kb / 5P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
More results

Similar Description - CRA12E168KGTL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA06S083100RJTA VISHAY-CRA06S083100RJTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04P VISHAY-CRA04P Datasheet
107Kb / 4P
   Thick Film, Resistor Array
Revision: 09-Jan-07
CRA04S VISHAY-CRA04S_08 Datasheet
162Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P Datasheet
196Kb / 4P
   Thick Film Resistor Array
Revision 25-Jul-05
CRA08C VISHAY-CRA08C Datasheet
45Kb / 2P
   Thick Film, Resistor Array
Revision 13-Feb-02
CRA06S08310K0JTA VISHAY-CRA06S08310K0JTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P_08 Datasheet
132Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S VISHAY-CRA04S Datasheet
142Kb / 2P
   Thick Film, Resistor Array
Revision 03-Sep-03
CRA06E VISHAY-CRA06E Datasheet
289Kb / 2P
   Thick Film, Resistor Array
Revision 22-Jan-03
CRA04S VISHAY-CRA04S_17 Datasheet
120Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com