Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y1754120R500S Datasheet(PDF) 4 Page - Vishay Siliconix

Part # Y1754120R500S
Description  Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y1754120R500S Datasheet(HTML) 4 Page - Vishay Siliconix

  Y1754120R500S Datasheet HTML 1Page - Vishay Siliconix Y1754120R500S Datasheet HTML 2Page - Vishay Siliconix Y1754120R500S Datasheet HTML 3Page - Vishay Siliconix Y1754120R500S Datasheet HTML 4Page - Vishay Siliconix Y1754120R500S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HZ Series (Z-Foil)
Vishay Foil Resistors
Hermetically Sealed Ultra High Precision Z-Foil
Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance
of ± 0.001 % and Load Life Stability of ± 0.005 %
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63120
4
Revision: 17-Jun-08
Note
* Application engineering release: for non-standard requests, please contact application engineering.
TABLE 4 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y1750120K500V9L (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
K = k
Ω
M = M
Ω
0 = standard product, tin/lead termination
1 = with plastic sleeve, tin/lead termination
9 = standard product, lead (Pb)-free termination
19 = with plastic sleeve, lead (Pb)-free termination
Other = custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
6071 = VHP202Z
1748 = VHP202ZJ
1749 = VHA412Z
1751 = VHA414Z
1750 = VHA512Z
1752 = VHA516-4Z
1753 = VHA516-5Z
1754 = VHA516-6Z
1755 = VHA518-7Z
1756 = VHA518-8Z
1757 = VHA518-9Z
1758 = VHA518-10Z
1759 = VHA518-11Z
S = ± 0.001 %
U = ± 0.002 %
X = ± 0.0025 %
V = ± 0.005 %
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
L = bulk pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y1750 120K500 V 9 L:
TYPE: VHA512Z
VALUE: 120.5 k
Ω
ABSOLUTE TOLERANCE: ± 0.005 %
TERMINATION: lead (Pb)-free
PACKAGING: bulk pack
HISTORICAL PART NUMBER: VHA512ZT 120K50 V B (will continue to be used)
VHA512Z
T
120K50
V
B
MODEL
TERMINATION
PLASTIC SLEEVE
OHMIC VALUE
TOLERANCE
PACKAGING
VHP202Z
VHP202ZJ
VHA412Z
VHA414Z
VHA512Z
VHA516-4Z
VHA516-5Z
VHA516-6Z
VHA518-7Z
VHA518-8Z
VHA518-9Z
VHA518-10Z
VHA518-11Z
T = lead (Pb)-free
None = tin/lead
P = plastic sleeve
None = standard
120K50 = 120.5 k
Ω
S = ± 0.001 %
U = ± 0.002 %
X = ± 0.0025 %
V = ± 0.005 %
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
B = bulk pack
750
1
0
K
5
2
Y1
V9
0
L
0


Similar Part No. - Y1754120R500S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Y1757 ETC-Y1757 Datasheet
27Kb / 1P
   DIE SET ENVELOPE DRAWING
More results

Similar Description - Y1754120R500S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
VCS232Z VISHAY-VCS232Z Datasheet
101Kb / 3P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of ± 0.05 ppm/°C and Load Life Stability to ± 0.005%
Revision: 08-Aug-06
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
Revision: 29-Oct-2012
VSM VISHAY-VSM Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com