Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40MT160PAPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 40MT160PAPBF
Description  Three Phase Bridge (Power Module) 45 A to 100 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40MT160PAPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  40MT160PAPBF Datasheet HTML 1Page - Vishay Siliconix 40MT160PAPBF Datasheet HTML 2Page - Vishay Siliconix 40MT160PAPBF Datasheet HTML 3Page - Vishay Siliconix 40MT160PAPBF Datasheet HTML 4Page - Vishay Siliconix 40MT160PAPBF Datasheet HTML 5Page - Vishay Siliconix 40MT160PAPBF Datasheet HTML 6Page - Vishay Siliconix 40MT160PAPBF Datasheet HTML 7Page - Vishay Siliconix 40MT160PAPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 94538
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 13-Aug-08
1
Three Phase Bridge
(Power Module) 45 A to 100 A
MTP 3-Phase PbF Rectifier Series
Vishay High Power Products
FEATURES
•Low VF
• Low profile package
• Direct mounting to heatsink
• Flat pin/round pin versions with PCB solderable
terminals
• Low junction to case thermal resistance
• 3500 VRMS insulation voltage
• UL pending
• Totally lead (Pb) free
• Designed and qualified for industrial level
APPLICATIONS
• Power conversion machines
• Welding
•UPS
•SMPS
• Motor drives
• General purpose and heavy duty application
DESCRIPTION
A range of extremely compact three-phase rectifier bridges
offering efficient and reliable operation. The low profile
package has been specifically conceived to maximize space
saving and optimize the electrical layout of the application
specific power supplies.
PRODUCT SUMMARY
IO
45 A to 100 A
MT...PA
MT...PB
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
40MT
70MT
100MT
UNITS
IO
45
75
100
A
TC
100
80
80
°C
IFSM
50 Hz
270
380
450
A
60 Hz
280
398
470
I2t
50 Hz
365
724
1013
A2s
60 Hz
325
660
920
I2
√t
3650
7240
10 130
A2
√s
VRRM
1400 to 1600
V
TStg
Range
- 40 to 125
°C
TJ
- 40 to 150


Similar Part No. - 40MT160PAPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
40MT160PA IRF-40MT160PA Datasheet
121Kb / 8P
   THREE PHASE BRIDGE
40MT160PA IRF-40MT160PA Datasheet
129Kb / 8P
   THREE PHASE BRIDGE
More results

Similar Description - 40MT160PAPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
100MT1.0P.PBF VISHAY-100MT1.0P.PBF Datasheet
191Kb / 10P
   Three Phase Bridge (Power Module), 45 A to 100 A
Revision: 10-Mar-10
40MT140P VISHAY-40MT140P Datasheet
190Kb / 10P
   Three Phase Bridge (Power Module), 45 A to 100 A
Revision: 10-Mar-10
100MT1.0P.PBF VISHAY-100MT1.0P.PBF_V01 Datasheet
199Kb / 10P
   Three Phase Bridge (Power Module), 45 A to 100 A
02-Oct-12
VS-40MT160P-P VISHAY-VS-40MT160P-P_V01 Datasheet
240Kb / 9P
   MTP PressFit Power Module Three Phase Bridge, 45 A to 100 A
01-Jan-2022
VS-40MT160P-P VISHAY-VS-40MT160P-P_V02 Datasheet
240Kb / 9P
   MTP PressFit Power Module Three Phase Bridge, 45 A to 100 A
01-Jan-2023
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF Datasheet
157Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 16-Jul-14
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V01 Datasheet
172Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
01-Jan-2022
VS-70MT160PBPBF VISHAY-VS-70MT160PBPBF Datasheet
1Mb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 30-Oct-13
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V02 Datasheet
171Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
01-Jan-2023
200MT40KPBF VISHAY-200MT40KPBF Datasheet
111Kb / 5P
   Three Phase Bridge (Power Module), 200 A
Revision: 29-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com