Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFR25H0007JA5 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MFR25H0007JA5
Description  Fusible, Non-Flammable Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MFR25H0007JA5 Datasheet(HTML) 1 Page - Vishay Siliconix

  MFR25H0007JA5 Datasheet HTML 1Page - Vishay Siliconix MFR25H0007JA5 Datasheet HTML 2Page - Vishay Siliconix MFR25H0007JA5 Datasheet HTML 3Page - Vishay Siliconix MFR25H0007JA5 Datasheet HTML 4Page - Vishay Siliconix MFR25H0007JA5 Datasheet HTML 5Page - Vishay Siliconix MFR25H0007JA5 Datasheet HTML 6Page - Vishay Siliconix MFR25H0007JA5 Datasheet HTML 7Page - Vishay Siliconix MFR25H0007JA5 Datasheet HTML 8Page - Vishay Siliconix MFR25H0007JA5 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.vishay.com
For technical questions, contact: filmresistors.leaded@vishay.com
Document Number: 28737
126
Revision: 21-Feb-08
NFR25/25H
Vishay BCcomponents
Fusible, Non-Flammable Resistors
A homogenous film of metal alloy is deposited on a high
grade ceramic body. After a helical groove has been cut in
the resistive layer, tinned connecting wires of electrolytic
copper are welded to the end-caps. The resistors are coated
with a grey, flame retardant lacquer which provides
electrical,
mechanical,
and
climatic
protection.
The
encapsulation is resistant to all cleaning solvents in
accordance
with
“MIL-STD-202E,
method 215”,
and
“IEC 60068-2-45”.
FEATURES
Overload protection without risk of fire
• Wide range of overload currents
(refer Fusing Characteristics graphs)
• Lead (Pb)-free solder contacts
• Pure tin plating provides compatibility with lead (Pb)-free
and lead containing soldering processes
• Compatible with “Restriction of the use of Hazardous
Substances” (RoHS) directive 2002/95/EC (issue 2004)
APPLICATIONS
• Audio
• Video
Notes:
(1) Ohmic values (other than resistance range) are available on request
R value is measured with probe distance of 24 ± 1 mm using 4-terminal method
12NC INFORMATION
• The resistors have a 12-digit numeric code starting with 23
• The subsequent 7 digits indicate the resistor type and
packaging
• The remaining 3 digits indicate the resistance values:
– The first 2 digits indicate the resistance value
– The last digit indicates the resistance decade
Last Digit of 12NC Indicating Resistance Decade
12NC Example
The 12NC for a NFR25 resistor with value 750
Ω, supplied
on
a
bandolier
of
1000 units
in
ammopack
is:
2322 205 13751.
TECHNICAL SPECIFICATIONS
DESCRIPTION
VALUE
NFR25
NFR25H
Resistance Range (1)
0.22
Ω to 15 kΩ
Resistance Tolerance and Series
± 5 %; E24 series
Maximum Dissipation at
Tamb =70 °C0.33 W
0.5 W
Thermal Resistance
Rth
240 K/W
150 K/W
Temperature Coefficient:
0.22
Ω≤ R ≤ 4.7 Ω≤ ± 200 x 10-6/K
≤ ± 200 x 10-6/K
4.7
Ω < R ≤ 15 Ω≤ ± 200 x 10-6/K
≤ ± 100 x 10-6/K
15
Ω < R ≤ 15 kΩ≤ ± 100 x 10-6/K
≤ ± 100 x 10-6/K
Maximum Permissible Voltage (DC or RMS)
250 V
350 V
Basic Specifications
IEC 60115-1 and 60115-2
Climatic Category (IEC 60068)
55/155/56
Stability After:
Load
ΔR max.: ± (1 % R + 0.05 Ω)
Climatic Tests
ΔR max.: ± (1 % R +0.05 Ω)
Soldering
ΔR max.: ± (0.25 % R +0.05 Ω)
RESISTANCE DECADE
LAST DIGIT
0.22 to 0.91
Ω
7
1to9.1
Ω
8
10 to 91
Ω
9
100 to 910
Ω
1
1to9.1 k
Ω
2
10 to 15 k
Ω
3


Similar Part No. - MFR25H0007JA5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MFR25S ETC1-MFR25S Datasheet
36Kb / 2P
   Metal Film Resistors Normal & Miniature Style
More results

Similar Description - MFR25H0007JA5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NFR25 VISHAY-NFR25 Datasheet
96Kb / 8P
   Fusible, Non-Flammable Resistors
Revision: 24-Feb-04
NFR25H0001008JA500 VISHAY-NFR25H0001008JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JA500 VISHAY-NFR25H0004707JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JR500 VISHAY-NFR25H0004707JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004708JR500 VISHAY-NFR25H0004708JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
logo
List of Unclassifed Man...
KH15 ETC-KH15 Datasheet
954Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
KR80 ETC-KR80 Datasheet
897Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
logo
UNIOHM CORPORATION
R-10W UNIOHM-R-10W Datasheet
488Kb / 1P
   Power Type Wire Wound Resistors Non Flammable Wire Wound Resistor
logo
3M Electronics
98NF 3M-98NF Datasheet
273Kb / 2P
   Hi- Strength Non-Flammable 98NF Adhesive
logo
Stackpole Electronics, ...
EWT SEI-EWT Datasheet
286Kb / 4P
   Non-Flammable Edgewound Tubular Wirewound Resistor
08/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com