Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP06C011K00F Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MSP06C011K00F
Description  Thick Film Resistor Networks Single-In-Line, Molded SIP; 01, 03, 05 Schematics 6, 8, 9 or 10 Pin “A” Profile and 6, 8 or 10 Pin “C” Profile
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSP06C011K00F Datasheet(HTML) 3 Page - Vishay Siliconix

  MSP06C011K00F Datasheet HTML 1Page - Vishay Siliconix MSP06C011K00F Datasheet HTML 2Page - Vishay Siliconix MSP06C011K00F Datasheet HTML 3Page - Vishay Siliconix MSP06C011K00F Datasheet HTML 4Page - Vishay Siliconix MSP06C011K00F Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions, contact: ff2aresistors@vishay.com
Document Number: 31510
3
Revision: 28-Jul-06
MSP
Vishay Dale
Thick Film Resistor Networks Single-In-Line, Molded SIP;
01, 03, 05 Schematics 6, 8, 9 or 10 Pin "A" Profile
and 6, 8 or 10 Pin "C" Profile
IMPEDANCE CODES
CODE
R1(Ω)
R2(Ω)
CODE
R1(Ω)
R2(Ω)
500B
82
130
141A
270
270
750B
120
200
181A
330
390
800C
130
210
191A
330
470
990A
160
260
221B
330
680
101C
180
240
281B
560
560
111C
180
270
381B
560
1.2K
121B
180
390
501C
620
2.7K
121C
220
270
102A
1.5K
3.3K
131A
220
330
202B
3K
6.2K
CIRCUIT APPLICATIONS
01 Schematic
5, 7, 8* or 9 resistors with one pin common
The MSPxxx01 circuit contains 5, 7, 8* or 9 nominally equal resistors,
each connected between a common pin (Pin No. 1) and a discrete
PC board pin. Commonly used in the following applications:
• "Wired OR" Pull-up
• MOS/ROM Pull-up/Pull-down
• Power Gate Pull-up
• Open Collector Pull-up
• TTL Input Pull-down
• TTL Unused Gate Pull-up
* Available in "A" Profile only
Standard E-24 resistance values stocked. Consult factory.
03 Schematic
3, 4 or 5 isolated resistors
The MSPxxx03 circuit contains 3, 4 or 5 resistors of nominally equal
value in a compact package. Each resistor is connected to two
discrete PC pins.
Standard E-24 resistance values stocked. Consult factory.
05 Schematic
Pulse squaring and TTL dual-line terminators
The MSPxxx05 circuits contain 4, 6, 7* or 8 series pair of resistors.
Each series pair is connected between two common lines. The
junction of these resistor pairs is connected to the input terminals.
The 05 circuits are designed for TTL dual-line termination and pulse
squaring.
* Available in "A" Profile only
Many dual terminator resistance values stocked. Consult factory.
1
2
3
n-1
n
1
2
3
4
n-1
n
1
2
3
n-1
n
R2
R1


Similar Part No. - MSP06C011K00F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP06C01KFEJ VISHAY-MSP06C01KFEJ Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
MSP06C01KGEJ VISHAY-MSP06C01KGEJ Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
MSP06C01KJEJ VISHAY-MSP06C01KJEJ Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
MSP06C01KSEJ VISHAY-MSP06C01KSEJ Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
MSP06C01KZEJ VISHAY-MSP06C01KZEJ Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
More results

Similar Description - MSP06C011K00F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP01 VISHAY-MSP01 Datasheet
32Kb / 4P
   Thick Film Resistor Networks Single-In-Line, Molded SIP 01, 03, 05 Schematics 6, 8, 9 or 10 Pin A Profile and 6, 8 or 10 Pin C Profile
Revision 25-Oct-00
CSC05 VISHAY-CSC05 Datasheet
195Kb / 4P
   Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
Revision 02-Aug-02
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision 06-Aug-02
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision: 28-Jul-06
SOGC01 VISHAY-SOGC01 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
Revision: 25-Aug-06
logo
Vaishali Semiconductor
SOGC01 VAISH-SOGC01 Datasheet
156Kb / 2P
   Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
logo
Vishay Siliconix
MSM VISHAY-MSM Datasheet
137Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
Revision: 25-Jul-08
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
MSP08C036K80GEJ VISHAY-MSP08C036K80GEJ Datasheet
402Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 10-Jun-10
MSP06A011K00GEJ VISHAY-MSP06A011K00GEJ Datasheet
402Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 10-Jun-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com