Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

820571406 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 820571406
Description  STANDARD VARISTOR DISC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

820571406 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  820571406 Datasheet HTML 1Page - List of Unclassifed Manufacturers 820571406 Datasheet HTML 2Page - List of Unclassifed Manufacturers 820571406 Datasheet HTML 3Page - List of Unclassifed Manufacturers 820571406 Datasheet HTML 4Page - List of Unclassifed Manufacturers 820571406 Datasheet HTML 5Page - List of Unclassifed Manufacturers 820571406 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Artikelnummer / part number :
Bezeichnung :
description :
DIAM:
7
MM
D Rollenspezifikation / tape and reel specification :
TAPE
1/2" pitch
1.0" pitch
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
820571406
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
STANDARD VARISTOR DISC
Kunde / customer :
Spezifikation für Freigabe / specification for release
http://www.we-online.com
Item
Ø 5 / 7
Ø 10
Ø 10 / 14 / 20
Ø 14 / 20
Taping pitch
1/2"
1.0"
l
1,1 mm maxi.
1,1 mm maxi.
H1 (type 2)
3,5 mm maxi.
5 mm maxi.
5 mm maxi.
H0 (type 2)
16 +/-0,5 mm
16 +/-0,5 mm
H0 (type 1)
16 à 21 mm
16 à 21 mm
h
+/-2 mm
+/-2 mm
W
18 mm +1 / - 0,5 mm
18 mm +1 / - 0,5 mm
W0
10 mm
12 mm
W1
9 mm +0,75 / -0,5 mm
9 mm +0,75 / -0,5 mm
W2
3 mm maxi.
3 mm maxi.
F
5 mm +0,8 / -0,2 mm
7,5 mm +0,8 / -0,2 mm
10 mm +0,8 / -0,2 mm
P
12,7 mm +/-1 mm
25,4 mm +/-1 mm
P0
12,7 mm +/-0,3 mm
12,7 mm +/-0,3 mm
P1
3,85 mm +/-0,7 mm
8,95 mm +/-0,7 mm
7,7 mm +/-0,7 mm
P2
6,35 mm +/-1,3 mm
12,7 mm +/-1,3 mm
D0
4 mm +/-0,2 mm
4 mm +/-0,2 mm
d
0,6 mm +/-0,05 mm
0,8 mm +/-0,05 mm
1,0 mm +/-0,05 mm
T
See T max. table
See T max. table
t1
0,7 mm +/-0,05 mm
0,6 mm +/-0,05 mm
t2
1,6 mm maxi.
1,8 mm maxi.
PAGE/SEITE 4 - PAGES/VON 6


Similar Part No. - 820571406

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
820571406 WURTH-820571406 Datasheet
1Mb / 7P
   WE-VD Disk Varistor
006.002
More results

Similar Description - 820571406

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
820511311 WURTH-820511311 Datasheet
153Kb / 6P
   STANDARD VARISTOR DISC
820524611 WURTH-820524611 Datasheet
153Kb / 6P
   STANDARD VARISTOR DISC
820544611 WURTH-820544611 Datasheet
153Kb / 6P
   STANDARD VARISTOR DISC
logo
List of Unclassifed Man...
820552501 ETC2-820552501 Datasheet
148Kb / 6P
   STANDARD VARISTOR DISC
820512001 ETC2-820512001 Datasheet
148Kb / 6P
   STANDARD VARISTOR DISC
820551311 ETC2-820551311 Datasheet
148Kb / 6P
   STANDARD VARISTOR DISC
logo
Wurth Elektronik GmbH &...
820514611 WURTH-820514611 Datasheet
153Kb / 6P
   STANDARD VARISTOR DISC
820526811 WURTH-820526811 Datasheet
153Kb / 6P
   STANDARD VARISTOR DISC
820541311 WURTH-820541311 Datasheet
153Kb / 6P
   STANDARD VARISTOR DISC
820542711 WURTH-820542711 Datasheet
205Kb / 6P
   STANDARD VARISTOR DISC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com