Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUU61-300 Datasheet(PDF) 1 Page - Volgen Kaga Electronics Inc.

Part # MUU61-300
Description  63W U-bracket Switching Power Supplies For Medical Equipment.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

MUU61-300 Datasheet(HTML) 1 Page - Volgen Kaga Electronics Inc.

  MUU61-300 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. MUU61-300 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MUU61 SERIES
Electrical Characteristics:
Features:
Description:
Safety Specifications:
Environmental :
Parameter
Te s t Conditions
Min. Typ. Max.
Unit
Dielectric Withstanding Voltage
for Primary to secondary
Primary to secondary
VDC
Primary to ground
Test Voltage=2100VDC
50
M
Vin=220VAC
B
CLASS
Sym.
Vps
Vpg
Ri
CISPR
FCC
Isolation Resistance
EMI requirements for CISPR-11
Vin=110VAC
VDC
B
CLASS
Dielectric Withstanding Voltage
for Primary to Ground
EMI requirements for FCC PART-18
Typ.
Parameter
Test Conditions
Min.
Max. Unit
0
1.6
0.3
1
2
0.8
0.5
1
-0.04
0.04
Vin=90 to 264 VAC
Io=Full load, Vin=115VAC
Vin=230VAC
W
V
A
A
A
A
A
Input Voltage
Output Power Range
Efficiency
Line Regulation
Load Regulation
Over Voltage Protection
Transient Response
Hold-Up Time
Safety Ground Leakage Current
Temperature
Coefficient
%
%
S
%
%
%
mA
mS
63
264
90
47
See rating Chart
15
18
21
25
3
0.3
0.1
Low Line Inrush Current
VAC
Hz
6
Sym.
Iil
Irh
Eff
REG-i
REG-o
OVP
OCP
Ttr
Thold
Ts
Vp-p
Ilk
Iih
I rl
Tc
Vin
Fin
Wo
Vo
Io
63
85
80
70
132
150
110
112
High Line Inrush Current
Input Frequency
Output Voltage Range
Output Current Range
Input Current (Low Line)
Input Current (High Line)
Io=Full load, Vin=230VAC
Io=Full load, 25 C,Cool start,
Vin=115VAC
Io=Full load, 25 C,Cool start,
Vin=230VAC
Io=Full load, Vin=110VAC
Io=Full load
Over Current Protection
Io=Full load to Half Load, Vin=100VAC
Start Up Time
Io=Full load, Vin=100VAC
Ripple & Noise (Peak to Peak) Full load, Vin=90VAC
1
2
%
Io=Full load, Vin=240VAC
See rating Chart
mS
16
4
%/ C
Io=Full load, Vin=230VAC
All output
Safety Approvals :
Operating Voltage
Wide Input Voltage 90 to 264 VAC,47 to 63 Hz
Internal EMI filter
Single to Quad Output
Input connector mates with Molex housing 09-50-3031 and
Molex 2478 series crimp terminal
Output connector mates with Molex housing 09-50-3081
and Molex 2478 series crimp terminal
Output Voltage Available From 3 VDC Thru 40 VDC
Input Surge Current, Over Voltage and Over Load protection
Power Fail Detect (Optional)
Class I Insulation
Two Years Warranty
5600
2800
Relative Humidity
5
95
%
Operating Temperature
Storage Temperature
0
70
85
-40
Toper
Hr
Tstg
Pd
Sym.
Parameter
Min. Typ. Max.
Unit
Derate linearly from 100% load at 50 C to 50% load at 70 C
Te s t Conditions
C
C
The MUU61 series of compact, open frame constructed, AC/DC
switching mode power supplies provide 63 Watts of continuous
output power . They are ideally suited for use in hospital instrument
and many other applications.
UL/c-UL(UL 60601-1) ,TUV/T-mark(EN 60601-1)
and new CE requirements. All units are 100% burned in and tested.
All models meet FCC Part-18 class B
and CISPR-11 EN55011 class B emission Limits and are designed
to comply with
63W U-bracket Switching Power Supplies For Medical Equipment.


Similar Part No. - MUU61-300

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
MUU60 VOLGEN-MUU60 Datasheet
353Kb / 2P
   63W U-bracket Switching Power Supplies For Medical Equipment.
MUU60-101 VOLGEN-MUU60-101 Datasheet
353Kb / 2P
   63W U-bracket Switching Power Supplies For Medical Equipment.
MUU60-102 VOLGEN-MUU60-102 Datasheet
353Kb / 2P
   63W U-bracket Switching Power Supplies For Medical Equipment.
MUU60-103 VOLGEN-MUU60-103 Datasheet
353Kb / 2P
   63W U-bracket Switching Power Supplies For Medical Equipment.
MUU60-104 VOLGEN-MUU60-104 Datasheet
353Kb / 2P
   63W U-bracket Switching Power Supplies For Medical Equipment.
More results

Similar Description - MUU61-300

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
MUU60 VOLGEN-MUU60 Datasheet
353Kb / 2P
   63W U-bracket Switching Power Supplies For Medical Equipment.
logo
Total Power Internation...
TPMUU60 TOTAL-POWER-TPMUU60 Datasheet
409Kb / 2P
   63W U-bracket Switching Power Supplles For MedIcal EquIpment.
TPMUU61 TOTAL-POWER-TPMUU61 Datasheet
434Kb / 2P
   63W U-bracket Switching Power Supplles For MedIcal EquIpment.
logo
Vitec Power
SMUA61-SERIES Vitec-SMUA61-SERIES Datasheet
424Kb / 2P
   63W U-Bracket Power Supply for Medical Equipment
SMUA61 Vitec-SMUA61 Datasheet
424Kb / 2P
   63W U-Bracket Power Supply for Medical Equipment
SMUA60 Vitec-SMUA60 Datasheet
424Kb / 2P
   63W U-Bracket Power Supply for Medical Equipment
SMUA60-SERIES Vitec-SMUA60-SERIES Datasheet
424Kb / 2P
   63W U-Bracket Power Supply for Medical Equipment
logo
MPS Industries, Inc.
MUU150 MPSIND-MUU150 Datasheet
374Kb / 2P
   150W U-bracket Switching Power Supplies For Medical Equipment
MUU151 MPSIND-MUU151 Datasheet
374Kb / 2P
   150W U-bracket Switching Power Supplies For Medical Equipment
logo
Astrodyne Corporation
SUU61 ASTRODYNE-SUU61 Datasheet
550Kb / 2P
   63W U-bracket Switching Power Supplies For I.T.E.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com