Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPN50-05S Datasheet(PDF) 2 Page - Volgen Kaga Electronics Inc.

Part # SPN50-05S
Description  50 WATT, Universal Input Fully Enclosed Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

SPN50-05S Datasheet(HTML) 2 Page - Volgen Kaga Electronics Inc.

  SPN50-05S Datasheet HTML 1Page - Volgen Kaga Electronics Inc. SPN50-05S Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Note:
Mounting screws not to exceed max penetration of 6mm
Screw thread size is M3 (Metric) or 6/32nd (Inch)
Weight 200g typ.
Measurements in millimeter (mm) unless otherwise specified
Tolerance ± 1mm
2
MODEL
Output Voltage
Output Current
(85 ~ 264 VAC)
Efficiency
(%)
Load Regulation
(mV max)
SPN50-05S
5VDC
10A
75%
10mV max
SPN50-12S
12VDC
4.2A
78%
10mV max
SPN50-15S
15VDC
3.4A
79%
10mV max
SPN50-24S
24VDC
2.1A
80%
20mV max
SPN50-48S
48VDC
1.1A
80%
40mV max
NOTE:
All specifications typical and nominal / full load and 25°C unless otherwise noted.
Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.


Similar Part No. - SPN50-05S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPN50-05S ETC1-SPN50-05S Datasheet
311Kb / 2P
   50 WATT, Universal Input Fully Enclosed Switching Power Supply
More results

Similar Description - SPN50-05S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPN50 ETC1-SPN50 Datasheet
311Kb / 2P
   50 WATT, Universal Input Fully Enclosed Switching Power Supply
SPN30-05S ETC2-SPN30-05S Datasheet
315Kb / 2P
   30 WATT, Universal Input Fully Enclosed Switching Power Supply
SPN100 ETC1-SPN100 Datasheet
203Kb / 2P
   100 WATT, Universal Input Fully Enclosed Switching Power Supply
SPN15 ETC1-SPN15 Datasheet
320Kb / 2P
   15 WATT, Universal Input Fully Enclosed Switching Power Supply
logo
Volgen Kaga Electronics...
SPN30 VOLGEN-SPN30 Datasheet
315Kb / 2P
   30 WATT, Universal Input Fully Enclosed Switching Power Supply
logo
List of Unclassifed Man...
SP15U ETC1-SP15U Datasheet
195Kb / 2P
   15-WATT, Universal Input Fully Enclosed Switching Power Supply
logo
Volgen Kaga Electronics...
SPN15 VOLGEN-SPN15 Datasheet
320Kb / 2P
   15 WATT, Universal Input Fully Enclosed Switching Power Supply
logo
List of Unclassifed Man...
SX100U ETC1-SX100U Datasheet
548Kb / 3P
   100 & 150 Watt, 120 VAC Input Fully Enclosed Switching Power Supply
SX50U ETC1-SX50U Datasheet
371Kb / 2P
   50 Watt, 120 VAC Inputt Fully Enclosed Switchiing Power Supply
SX30U ETC1-SX30U Datasheet
379Kb / 2P
   30 Watt, 120 VAC Input Fully Enclosed Switchiing Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com