Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3EQHM57-C-32.768P-D0.5 Datasheet(PDF) 2 Page - EUROQUARTZ limited

Part # 3EQHM57-C-32.768P-D0.5
Description  7 x 5 x 1.8mm SMD Spread Spectrum Ocillator, Low Jitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

3EQHM57-C-32.768P-D0.5 Datasheet(HTML) 2 Page - EUROQUARTZ limited

  3EQHM57-C-32.768P-D0.5 Datasheet HTML 1Page - EUROQUARTZ limited 3EQHM57-C-32.768P-D0.5 Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 info@euroquartz.co.uk
www.euroquartz.co.uk
Low EMI Oscillators
OUTLINE & DIMENSIONS
3EQHM57-B-32.768P-C0.5
Model No:
3EQHM57 (Group ‘P’)
Frequency Range:
13.0MHz to 220MHz
Spread Types:
See table below
EMI Reduction*:
EMI Reduction (dB) = 10log("Total%"x"SSC Frequency(MHz)"/0.12)
Modulation Carrier Frequency:
25.3kHz min, 58.6kHz max.
Frequency dependent
Call for details
Output Logic:
CMOS
Input Voltage:
Vdd = +3.3VDC ±5%
Frequency Stability***
Commercial (0~70°C):
±25ppm (Spec. code = ‘A’)
±50ppm (Spec. code = ‘B’)
±100ppm (Spec. code = ‘C’)
Industrial (-40~+85°C):
±25ppm (Spec. code = ‘D’)
±50ppm (Spec. code = ‘E’)
±100ppm (Spec. code = ‘F’)
Output Voltage HIGH ‘1’:
2.4V min. at 80% Vdd
Output Voltage LOW ‘0’:
0.4V max. at 20% Vdd
Rise/fall Times:
1.2ns max, (frequency dependant)
Load:
15pF
Start-up Time:
2ms typical, 5ms max.
Current Consumption:
25mA typical, freq. dependant
Duty Cycle:
50%±5% (CL=15pF, 50%Vdd)
Cycle to Cycle Jitter:
±100ps typ. ±150ps max.
Output Impedance:
40 Ohms typical
Static Discharge Voltage:
>2000V (per MIL STD 833)
Storage Temperature:
-65°C to +150°C
Ageing:
±5ppm /year max at Ta=25°C
Packaging:
EIA 16mm tape and reel, 1k per.
Pad 1 Option:
No function available. Do not
electrically connect pad 1.
Notes:
*
EMI reduction is applied to the entire frequency spectrum
**
dBc: with respect to no modulation. Frequency and total %
spread dependant.
***
Frequency Stability parameter excludes modulation.
SPECIFICATION
Page 2 of 2
PART NUMBER CONFIGURATION
SPREAD TYPES and % MODULATION
DOWN SPREAD
CENTRE SPREAD
D0.5
-0.5%
C0.25
±0.25%
D0.75
-0.75%
C0.375
±0.375%
D1.25
-1.25%
C0.625
±0.625%
D2.0
-2.0%
C1.0
±1.0%
D2.5
-2.5%
C1.25
±1.25%
D3.0
-3.0%
C1.5
±1.5%
D3.5
-3.5%
C1.75
±1.75%
D3.75
-3.75%
C1.875
±1.875%
Frequency Stability Code
‘A’ to ‘F’. See specification above
Frequency (MHz)
Group ‘P’
7 x 5 x 1.8mm SMD Spread Spectrum Ocillator, Low Jitter
3EQHM57 Group ‘P’
Series designation
ENVIRONMENTAL SPECIFICATION
RoHS Compliance:
RoHS compliant and Pb (lead) free
Storage Temperature Range:
-55° to +125°C
Humidity:
85% RH, 85°C for 48 hours
Hermetic Seal:
Leak Rate 2x10-8 ATM-cm3/s max.
Solderability:
MIL-STD-2002F method 208E
Reflow:
260° for 10 seconds
Vibration:
MIL-STD-202F method 204,
35g 50Hz to 2000Hz
Shock:
MIL-STD-202F method 213B, test
condition: E, 1000g ½ sine wave


Similar Part No. - 3EQHM57-C-32.768P-D0.5

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
3EQHM57-CT-32.768R-C0.5 EUROQUARTZ-3EQHM57-CT-32.768R-C0.5 Datasheet
360Kb / 2P
   7 x 5 x 1.8mm SMD Spread Spectrum Clock Ocillator
3EQHM57-CT-32.768R-C1.5 EUROQUARTZ-3EQHM57-CT-32.768R-C1.5 Datasheet
360Kb / 2P
   7 x 5 x 1.8mm SMD Spread Spectrum Clock Ocillator
3EQHM57-CT-32.768R-D1.0 EUROQUARTZ-3EQHM57-CT-32.768R-D1.0 Datasheet
360Kb / 2P
   7 x 5 x 1.8mm SMD Spread Spectrum Clock Ocillator
3EQHM57-CT-32.768R-D3.0 EUROQUARTZ-3EQHM57-CT-32.768R-D3.0 Datasheet
360Kb / 2P
   7 x 5 x 1.8mm SMD Spread Spectrum Clock Ocillator
3EQHM57-CT-32.768Y-C0.5 EUROQUARTZ-3EQHM57-CT-32.768Y-C0.5 Datasheet
359Kb / 2P
   7 x 5 x 1.8mm SMD Spread Spectrum Clock Ocillator
More results

Similar Description - 3EQHM57-C-32.768P-D0.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3EQHM57 ETC2-3EQHM57 Datasheet
360Kb / 2P
   7 x 5 x 1.8mm SMD Spread Spectrum Clock Ocillator
logo
EUROQUARTZ limited
3EQHM57-BT-32.768R EUROQUARTZ-3EQHM57-BT-32.768R Datasheet
360Kb / 2P
   7 x 5 x 1.8mm SMD Spread Spectrum Clock Ocillator
3EQHM57-BT-32.768Y EUROQUARTZ-3EQHM57-BT-32.768Y Datasheet
359Kb / 2P
   7 x 5 x 1.8mm SMD Spread Spectrum Clock Ocillator
3EQHM53-BT-32.768R EUROQUARTZ-3EQHM53-BT-32.768R Datasheet
368Kb / 2P
   5 x 3.2 x 1.2mm SMD Spread Spectrum Clock Ocillator
3EQHM53-BT-32.768Y EUROQUARTZ-3EQHM53-BT-32.768Y Datasheet
355Kb / 2P
   5 x 3.2 x 1.2mm SMD Spread Spectrum Clock Ocillator
EQHM44 EUROQUARTZ-EQHM44 Datasheet
350Kb / 2P
   11.4 x 9.6 x 4.7mm SMD Spread Spectrum Clock Ocillator
HM57P EUROQUARTZ-HM57P Datasheet
273Kb / 2P
   7 x 5 x 1.8mm SMD - Group P - Low Jitter
EQHM42 EUROQUARTZ-EQHM42 Datasheet
334Kb / 2P
   11.4 x 9.6 x 2.5mm SMD Spread Spectrum Clock Ocillator
GDA576 EUROQUARTZ-GDA576 Datasheet
117Kb / 1P
   7 x 5 x 1.8mm SMD
logo
MMD Components
SSIC2020H MMD-SSIC2020H Datasheet
105Kb / 2P
   5 x 7 Spread Spectrum Clock Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com