Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4066 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 4066
Description  MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

4066 Datasheet(HTML) 1 Page - STMicroelectronics

  4066 Datasheet HTML 1Page - STMicroelectronics 4066 Datasheet HTML 2Page - STMicroelectronics 4066 Datasheet HTML 3Page - STMicroelectronics 4066 Datasheet HTML 4Page - STMicroelectronics 4066 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS3702C,I,M
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
.
PUSH-PULL CMOS OUTPUT (NO EXTER-
NAL PULL-UP RESISTOR REQUIRED)
.
EXTREMELY LOW SUPPLY
CURRENT :
9
µA TYP / COMPARATOR
.
WIDE SINGLE SUPPLY RANGE (3V TO 16V)
OR DUAL SUPPLIES (
± 1.5V TO ± 8V)
.
EXTREMELY LOW INPUT BIAS CURRENT :
1pA TYP
.
EXTREMELY
LOW
INPUT
OFFSET
CURRENT : 1pA TYP
.
INPUT COMMON-MODE VOLTAGE RANGE
INCLUDES GND
.
HIGH INPUT IMPEDANCE : 10
12Ω TYP
.
FAST RESPONSE TIME : 2
µs TYP FOR 5mV
OVERDRIVE
.
PIN-TO-PIN AND FUNCTIONALLY COMPAT-
IBLE WITH BIPOLAR LM393
1
2
3
45
6
7
8
Inverting Input 2
Output 2
Non-inverting Input 2
Output 1
Inverting Input 1
Non-inverting Input 1
CC
+
V
-
CC
V
-
+
-
+
PIN CONNECTIONS (top view)
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
October 1997
ORDER CODES
Part Number
Temperature
Range
Package
ND
TS3702C
0
oC, +70oC
qq
TS3702I
-40
oC, +125oC
qq
TS3702M
-55
oC, +125oC
qq
Example : TS3702CN
DESCRIPTION
The TS3702 is a micropower CMOS dual voltage
comparator with extremely low consumption of
9
µA typ / comparator (20 times less than bipolar
LM393). The push-pull CMOS output stage allows
power and space saving by eliminating the external
pull-up resistor required by usual open-collector
output comparators.
Thus response times remain similar to the LM393.
1/5


Similar Part No. - 4066

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
4066 NSC-4066 Datasheet
169Kb / 8P
   Quad Bilateral Switch
logo
ON Semiconductor
4066 ONSEMI-4066 Datasheet
276Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
logo
STMicroelectronics
4066 STMICROELECTRONICS-4066 Datasheet
77Kb / 9P
   QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
logo
Toshiba Semiconductor
4066 TOSHIBA-4066 Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
logo
Fairchild Semiconductor
4066 FAIRCHILD-4066 Datasheet
106Kb / 9P
   Quad Analog Switch
More results

Similar Description - 4066

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSX3702 STMICROELECTRONICS-TSX3702 Datasheet
597Kb / 24P
   Micropower dual CMOS voltage comparators
February 2015 Rev 2
TS393 STMICROELECTRONICS-TS393_08 Datasheet
155Kb / 12P
   Micropower dual CMOS voltage comparators
TS3702 STMICROELECTRONICS-TS3702 Datasheet
117Kb / 11P
   MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
TSX393 STMICROELECTRONICS-TSX393 Datasheet
936Kb / 23P
   Micropower dual CMOS voltage comparators
June 2016 Rev 3
TS393 STMICROELECTRONICS-TS393_05 Datasheet
128Kb / 9P
   MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
TSX339 STMICROELECTRONICS-TSX339 Datasheet
940Kb / 22P
   Micropower dual CMOS voltage comparators
December 2015 Rev 1
TS393C STMICROELECTRONICS-TS393C Datasheet
179Kb / 7P
   MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
TS3702IDT STMICROELECTRONICS-TS3702IDT Datasheet
121Kb / 11P
   Micropower dual CMOS voltage comparators
TS3704 STMICROELECTRONICS-TS3704_07 Datasheet
137Kb / 11P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
TS3704C STMICROELECTRONICS-TS3704C Datasheet
51Kb / 6P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com