Selected language     English  ▼


CX-1H-03 Datasheet(PDF) 2 Page - EUROQUARTZ limited

Part No. CX-1H-03
Description  CX MINIATURE CRYSTALS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EUROQUARTZ [EUROQUARTZ limited]
Homepage  http://www.euroquartz.co.uk
Logo 

   
 2 page
background image
1000
500
200
100
50
20
10
10 20
50
100 200
600
R1
(k )
9
Frequency (kHz)
Figure1-CX-1H Typical Motional Resistance (R1)
10 20
50
100 200
600
Frequency (kHz)
C1
(fF)
5
2
1.0
0.5
Figure2-CX-1H Typical Motional Capacitance (C1)
50
20
10
10 20
50
100 200
600
Frequency (kHz)
5
2
in '000s
Figure3-CX-1H Typical Quality Factor (Q)
10
20
50
100 200
600
Frequency (kHz)
0
-10
-20
+10
+20
+30
+40
+50
+60
+70
+80
To(°C)
Figure4-CX-1H Typical Turning Point Temp. (°C)
f-fo
fo
= k(T-To)
Package Handling
The CX crystal is hermetically sealed in a ceramic package.
Normal handling and soldering precautions for small, low thermal
mass parts are adequate when installing or testing CX crystals.
The crystals may be wave soldered, taking proper precautions to
avoid desoldering the leads. A slow machine rate or too high a
pre-heat temperature or solder bath temperature can damage the
crystals. Lead to package solder interface temperature should not
exceed 175°C, and glass lid to package seal rim temperature
should not exceed 210°C. Should the seal rim temperature exceed
these limits the package may lose its hermeticity. Loss of
hermeticity results in a decrease of frequency and increase in
motional resistance.
Order Code
CX-1H
“S” if special
or custom design
Blank if standard
Frequency
Side leads
Temperature
Range:
C = Commercial
I = Industrial
M = Military
S = Specify
Calibration
Tolerance*
@ 25°C
(A)
(B)
(C)
32.768kHz
-03
(A/I)
*For other
calibrations
insert value
in ppm
CX-1H-03 - Bulk Pack (Standard)
Tray Pack (Optional)
Packaging
Page
2of2
CX-1H-03
10kHz to 600kHz
MINIATURE QUARTZ CRYSTAL
FOR SERIES OSCILLATORS
CX-1H-03
10kHz to 600kHz
MINIATURE QUARTZ CRYSTAL
FOR SERIES OSCILLATORS
+44(0)1460 230000
+44(0)1460 230001
sales@euroquartz.co.uk
www.euroquartz.co.uk
Telephone:
Fax:
Email:
Web:
EUROQUARTZ
CX MINIATURE CRYSTALS




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ABM3CMICROPROCESSOR CRYSTALS ULTRA MINIATURE CERAMIC SURFACE MOUNT 1 Abracon Corporation
CX-1-03CX MINIATURE CRYSTALS 1 2 EUROQUARTZ limited
CX-1-03-32CX MINIATURE CRYSTALS 1 2 EUROQUARTZ limited
ABMC2MICROPROCESSOR CRYSTALS CERAMIC SURFACE MOUNT MINIATURE 1 Abracon Corporation
ABUCOMMUNICATION CRYSTALS ULTRA MINIATURE 1 Abracon Corporation
PLL602-30750kHz - 800MHz Low Phase Noise XO for 12 - 25MHz Crystals 1 2 3 4 5 MorePhaseLink Corporation
AWS200S2.0mm and 2.5mm Plastic SMD Crystals 1 List of Unclassifed Manufacturers
XT57C_07Quartz Crystals 1 2 3 Vishay Siliconix
HY-7110Miniature Proportionally Controlled Heater 1 2 List of Unclassifed Manufacturers
230_15x20 mm MINIATURE FUSES 1 2 Littelfuse

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl