Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX-2H-SM Datasheet(PDF) 2 Page - EUROQUARTZ limited

Part # CX-2H-SM
Description  CX MINIATURE CRYSTALS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

CX-2H-SM Datasheet(HTML) 2 Page - EUROQUARTZ limited

  CX-2H-SM Datasheet HTML 1Page - EUROQUARTZ limited CX-2H-SM Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Order Code
CX-2H
“S” if special
or custom design
Blank if standard
Frequency
SM1
SM2
SM3
Calibration
Tolerance*
@ 25°C
A, B, C
32.768kHz
-SM1
Circuit Design
CX-2H-SM - Bulk Pack (Standard)
- 16mm tape, 178mm or 330mm reels (Optional)
per EIA 481
- Tray Pack (Optional)
Packaging
Temperature
Range:
C = Commercial
I = Industrial
M = Military
S = Specify
(A /
I )
C = Ceramic Lid
Blank = Glass Lid
*For other calibration tolerances
enter figure in ppm
Terminations
Designation
SM1
Gold Plated
SM2
Nickel, Solder Plated
SM3
Nickel, Solder Plated and Solder Dipped
Termination
Conventional Series Oscillator Circuit
CX-1H Crystal
Buffer
Oscillator
Figure1-CX-2H Typical Motional Resistance (R )

1000
500
200
100
50
20
10
16
50
100 200
600
R1
(k )
9
Frequency (kHz)
16
50
100 200
600
Frequency (kHz)
C1
(fF)
5
2
1.0
0.5
Figure2-CX-2H Typical Motional Capacitance (C )

Figure3-CX-2H Typical Quality Factor (Q)
50
20
10
16
50
100 200
600
Frequency (kHz)
5
2
in '000s
18
50
100 200
600
Frequency (kHz)
0
-10
-20
+10
+20
+30
+40
+50
+60
+70
+80
To(°C)
Figure4-CX-2H Typical Turning Point Temp. (°C)
CX-2H-SM
16kHz to 600kHz
MINIATURE SMD CRYSTAL
FOR SERIES OSCILLATORS
CX-2H-SM
16kHz to 600kHz
MINIATURE SMD CRYSTAL
FOR SERIES OSCILLATORS
+44(0)1460 230000
+44(0)1460 230001
sales@euroquartz.co.uk
www.euroquartz.co.uk
Telephone:
Fax:
Email:
Web:
EUROQUARTZ
CX MINIATURE CRYSTALS
Page
2of2


Similar Part No. - CX-2H-SM

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX-2 STATEK-CX-2 Datasheet
90Kb / 2P
   Miniature AT-Cut Crystal
logo
EUROQUARTZ limited
CX-2 EUROQUARTZ-CX-2 Datasheet
112Kb / 2P
   CX MINIATURE CRYSTALS
CX-2-021.0A EUROQUARTZ-CX-2-021.0A Datasheet
112Kb / 2P
   CX MINIATURE CRYSTALS
CX-2-021.0B EUROQUARTZ-CX-2-021.0B Datasheet
112Kb / 2P
   CX MINIATURE CRYSTALS
CX-2-021.0C EUROQUARTZ-CX-2-021.0C Datasheet
112Kb / 2P
   CX MINIATURE CRYSTALS
More results

Similar Description - CX-2H-SM

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX-1H-SM EUROQUARTZ-CX-1H-SM Datasheet
118Kb / 2P
   CX MINIATURE CRYSTALS
CX-3V-SM EUROQUARTZ-CX-3V-SM Datasheet
125Kb / 2P
   CX MINIATURE CRYSTALS
CX-1HG-SM EUROQUARTZ-CX-1HG-SM Datasheet
111Kb / 2P
   CX MINIATURE CRYSTALS
CX-2-SM1 EUROQUARTZ-CX-2-SM1 Datasheet
115Kb / 2P
   CX MINIATURE CRYSTALS
CX-3-SM1 EUROQUARTZ-CX-3-SM1 Datasheet
119Kb / 2P
   CX MINIATURE CRYSTALS
CX-6V-SM1 EUROQUARTZ-CX-6V-SM1 Datasheet
100Kb / 2P
   CX MINIATURE CRYSTALS
CX-6V-SM EUROQUARTZ-CX-6V-SM Datasheet
111Kb / 2P
   CX MINIATURE CRYSTALS
CX-2 EUROQUARTZ-CX-2 Datasheet
112Kb / 2P
   CX MINIATURE CRYSTALS
CX-4V-SM EUROQUARTZ-CX-4V-SM Datasheet
98Kb / 2P
   CX MINIATURE CRYSTALS
CX-6-SM1 EUROQUARTZ-CX-6-SM1 Datasheet
126Kb / 2P
   CX MINIATURE CRYSTALS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com