Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFR25H0001JA1 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MFR25H0001JA1
Description  Fusible, Non-Flammable Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MFR25H0001JA1 Datasheet(HTML) 7 Page - Vishay Siliconix

  MFR25H0001JA1 Datasheet HTML 1Page - Vishay Siliconix MFR25H0001JA1 Datasheet HTML 2Page - Vishay Siliconix MFR25H0001JA1 Datasheet HTML 3Page - Vishay Siliconix MFR25H0001JA1 Datasheet HTML 4Page - Vishay Siliconix MFR25H0001JA1 Datasheet HTML 5Page - Vishay Siliconix MFR25H0001JA1 Datasheet HTML 6Page - Vishay Siliconix MFR25H0001JA1 Datasheet HTML 7Page - Vishay Siliconix MFR25H0001JA1 Datasheet HTML 8Page - Vishay Siliconix MFR25H0001JA1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.vishay.com
For technical questions, contact: filmresistors.leaded@vishay.com
Document Number: 28737
132
Revision: 21-Feb-08
NFR25/25H
Vishay BCcomponents
Fusible, Non-Flammable Resistors
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance with the
schedule
of
“IEC
publication
60115-1”,
category
LCT/UCT/56 (rated temperature range: Lower Category
Temperature, Upper Category Temperature; damp heat,
long
term,
56 days).
The
testing
also
covers
the
requirements specified by EIA and EIAJ.
The tests are carried out in accordance with IEC publication
60068-2, “Recommended basic climatic and mechanical
robustness testing procedure for electronic components” and
under
standard
atmospheric
conditions
according
to
“IEC 60068-1”, subclause 5.3.
In the Test Procedures and Requirements table the tests and
requirements are listed with reference to the relevant clauses
of “IEC publications 60115-1 and 60068-2”; a short
description of the test procedure is also given. In some
instances deviations from the IEC recommendations were
necessary for our method of specifying. For inflammability
requirements reference is made to “IEC 60115-1” and to
“EN 140000, appendix D”.
All soldering tests are performed with mildly activated flux.
Minimum distance from resistor body to PCB = 1 mm
NFR25 Temperature rise (
ΔT) at the lead end (soldering point)
as a function of dissipated power at various lead lengths after
mounting
NFR25H Hot-spot temperature rise (
ΔT) as a
function of dissipated power.
Minimum distance from resistor body to PCB = 1 mm
NFR25H Temperature rise (
ΔT) at the lead end (soldering point) as a
function of dissipated power at various lead lengths after mounting
Application Information
50
0
0.2
0.6
0
0.4
10
20
30
40
P (W)
∆T
(K)
15 mm
5 mm
10 mm
100
0
0.2
0.6
0
0.4
20
40
60
80
P (W)
∆T
(K)
50
0
0.2
0.6
0
0.4
10
20
30
40
P (W)
∆T
(K)
15 mm
5 mm
10 mm


Similar Part No. - MFR25H0001JA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MFR25S ETC1-MFR25S Datasheet
36Kb / 2P
   Metal Film Resistors Normal & Miniature Style
More results

Similar Description - MFR25H0001JA1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NFR25 VISHAY-NFR25 Datasheet
96Kb / 8P
   Fusible, Non-Flammable Resistors
Revision: 24-Feb-04
NFR25H0001008JA500 VISHAY-NFR25H0001008JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JA500 VISHAY-NFR25H0004707JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JR500 VISHAY-NFR25H0004707JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004708JR500 VISHAY-NFR25H0004708JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
logo
List of Unclassifed Man...
KH15 ETC-KH15 Datasheet
954Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
KR80 ETC-KR80 Datasheet
897Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
logo
UNIOHM CORPORATION
R-10W UNIOHM-R-10W Datasheet
488Kb / 1P
   Power Type Wire Wound Resistors Non Flammable Wire Wound Resistor
logo
3M Electronics
98NF 3M-98NF Datasheet
273Kb / 2P
   Hi- Strength Non-Flammable 98NF Adhesive
logo
Stackpole Electronics, ...
EWT SEI-EWT Datasheet
286Kb / 4P
   Non-Flammable Edgewound Tubular Wirewound Resistor
08/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com