Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFR2500Z01JA1 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MFR2500Z01JA1
Description  Fusible, Non-Flammable Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MFR2500Z01JA1 Datasheet(HTML) 6 Page - Vishay Siliconix

  MFR2500Z01JA1 Datasheet HTML 1Page - Vishay Siliconix MFR2500Z01JA1 Datasheet HTML 2Page - Vishay Siliconix MFR2500Z01JA1 Datasheet HTML 3Page - Vishay Siliconix MFR2500Z01JA1 Datasheet HTML 4Page - Vishay Siliconix MFR2500Z01JA1 Datasheet HTML 5Page - Vishay Siliconix MFR2500Z01JA1 Datasheet HTML 6Page - Vishay Siliconix MFR2500Z01JA1 Datasheet HTML 7Page - Vishay Siliconix MFR2500Z01JA1 Datasheet HTML 8Page - Vishay Siliconix MFR2500Z01JA1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Document Number: 28737
For technical questions, contact: filmresistors.leaded@vishay.com
www.vishay.com
Revision: 21-Feb-08
131
NFR25/25H
Fusible, Non-Flammable Resistors
Vishay BCcomponents
Pulse Loading Capabilities
Application Information
103
102
10
1
2
5
10
20
50
100
200
500
p
i
/ = 1000
t
t
i (s)
t
Pmax.
(W)
10- 1
10- 6
10- 5
10- 4
10- 3
10- 2
10- 1
1
NFR25H Pulse on a regular basis; maximum permissible peak pulse power (
Pmax.) as a function
of pulse duration (
ti)
1200
0
400
10- 6
10- 5
10- 4
10- 3
10- 2
10- 1
1
800
V
max.
(V)
t
i (s)
NFR25H Pulse on a regular basis; maximum permissible peak pulse voltage (
Vmax.) as a function
of pulse duration (
ti)
100
0
0.2
0.6
0
0.4
20
40
60
80
P (W)
∆T
(K)
NFR25 Hot-spot temperature rise (
ΔT)
as a function of dissipated power


Similar Part No. - MFR2500Z01JA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MFR25S ETC1-MFR25S Datasheet
36Kb / 2P
   Metal Film Resistors Normal & Miniature Style
More results

Similar Description - MFR2500Z01JA1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NFR25 VISHAY-NFR25 Datasheet
96Kb / 8P
   Fusible, Non-Flammable Resistors
Revision: 24-Feb-04
NFR25H0001008JA500 VISHAY-NFR25H0001008JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JA500 VISHAY-NFR25H0004707JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JR500 VISHAY-NFR25H0004707JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004708JR500 VISHAY-NFR25H0004708JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
logo
List of Unclassifed Man...
KH15 ETC-KH15 Datasheet
954Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
KR80 ETC-KR80 Datasheet
897Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
logo
UNIOHM CORPORATION
R-10W UNIOHM-R-10W Datasheet
488Kb / 1P
   Power Type Wire Wound Resistors Non Flammable Wire Wound Resistor
logo
3M Electronics
98NF 3M-98NF Datasheet
273Kb / 2P
   Hi- Strength Non-Flammable 98NF Adhesive
logo
Stackpole Electronics, ...
EWT SEI-EWT Datasheet
286Kb / 4P
   Non-Flammable Edgewound Tubular Wirewound Resistor
08/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com