Electronic Components Datasheet Search
Selected language     English  ▼


CX-2C-02A Datasheet(PDF) 2 Page - EUROQUARTZ limited

Part No. CX-2C-02A
Description  CX MINIATURE CRYSTALS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EUROQUARTZ [EUROQUARTZ limited]
Homepage  http://www.euroquartz.co.uk
Logo 

   
 2 page
background image
CX-2-Leaded -
Bulk Pack (Standard)
Tray Pack (Optional)
Packaging
Typical Application
Conventional HCMOS Pierce Oscillator Circuit
CX-2
9.6MHz to 160MHz
MINIATURE AT-CUT
QUARTZ CRYSTAL
CX-2
9.6MHz to 160MHz
MINIATURE AT-CUT
QUARTZ CRYSTAL
Package Handling
The CX crystal is hermetically sealed in a ceramic package.
Normal handling and soldering precautions for small, low thermal
mass parts are adequate when installing or testing CX crystals.
The crystals may be wave soldered, taking proper precautions to
avoid desoldering the leads. A slow machine rate or too high a
pre-heat temperature or solder bath temperature can damage the
crystals. Lead to package solder interface temperature should not
exceed 175°C, and glass lid to package seal rim temperature
should not exceed 210°C. Should the seal rim temperature exceed
these limits the package may lose its hermeticity. Loss of
hermeticity results in a decrease of frequency and increase in
motional resistance.
Order Code
CX-2
“S” if special
or custom design
Blank if standard
Frequency
Side leads
-02
-03
-04
Calibration
Tolerance*
@ 25°C
A, B, C
32MHz
-03
Temperature
Range:
C = Commercial
I = Industrial
M = Military
S = Specify
( A / 25ppm / 50ppm / I )
O.T.=3rd O.T. Mode
Blank = Fundamental
C = Ceramic Lid
Blank = Glass Lid
Frequency
Stability
over
Temperature
Range
Total
Frequency
Tolerance
*For other calibration tolerances
enter figure in ppm
CX-2
Buffer
Amplifier
Osc.
Freq. (Fo)
C
C
C5
RB
R)
+44(0)1460 230000
+44(0)1460 230001
sales@euroquartz.co.uk
www.euroquartz.co.uk
Telephone:
Fax:
Email:
Web:
EUROQUARTZ
CX MINIATURE CRYSTALS
Page
2of2




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ABM3CMICROPROCESSOR CRYSTALS ULTRA MINIATURE CERAMIC SURFACE MOUNT 1 Abracon Corporation
CX-1-03CX MINIATURE CRYSTALS 1 2 EUROQUARTZ limited
CX-1-03-32CX MINIATURE CRYSTALS 1 2 EUROQUARTZ limited
ABMC2MICROPROCESSOR CRYSTALS CERAMIC SURFACE MOUNT MINIATURE 1 Abracon Corporation
CX-1H-03CX MINIATURE CRYSTALS 1 2 EUROQUARTZ limited
CX-1HG-SMCX MINIATURE CRYSTALS 1 2 EUROQUARTZ limited
CX-1H-SMCX MINIATURE CRYSTALS 1 2 EUROQUARTZ limited
CX-1-SMCX MINIATURE CRYSTALS 1 2 EUROQUARTZ limited
CX-1-SM1CX MINIATURE CRYSTALS 1 2 EUROQUARTZ limited
ABUCOMMUNICATION CRYSTALS ULTRA MINIATURE 1 Abracon Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl