Selected language     English  ▼


CX-1SM232A Datasheet(PDF) 2 Page - EUROQUARTZ limited

Part No. CX-1SM232A
Description  CX MINIATURE CRYSTALS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EUROQUARTZ [EUROQUARTZ limited]
Homepage  http://www.euroquartz.co.uk
Logo 

   
 2 page
background image
Typical HCMOS Pierce Oscillator
A conventional HCMOS Pierce oscillator is shown below. The
crystal oscillates at a frequency f above the crystal’s series-
resonant frequency. The crystal is effectively inductive and in
combination with R , C and C in the feedback loop, provides
approximately 180° of the phase shift necessary to ensure
oscillation.
O
F1
2
Order Code
CX-1
“S” if special
or custom design
Blank if standard
Frequency
SM1
SM2
SM3
Calibration
Tolerance*
@ 25°C
A, B, C
32MHz
SM1
Circuit Design
Conventional HCMOS Pierce Oscillator Circuit
CX-1
Buffer
Amplifier
Osc.
Freq. (Fo)
C
C
C5
RB
R)
CX-1-SM - Bulk Pack (Standard)
- 16mm tape, 178mm or 330mm reels (Optional)
per EIA 481
- Tray Pack (Optional)
Packaging
Temperature
Range:
C = Commercial
I = Industrial
M = Military
S = Specify
( A / 25ppm / 50ppm / I )
O.T.=3rd O.T. Mode
Blank = Fundamental
C = Ceramic Lid
Blank = Glass Lid
Frequency
Stability
over
Temperature
Range
Total
Frequency
Tolerance
*For other calibration tolerances
enter figure in ppm
Terminations
Designation
SM1
Gold Plated
SM2
Nickel, Silver Plated
SM3
Nickel, Solder Plated and Solder Dipped
Termination
1.78
4.06
6.86
Suggested Solder Pad Layout
CX-1-SM
8MHz to 160MHz
MINIATURE AT-CUT
SMD CRYSTAL
CX-1-SM
8MHz to 160MHz
MINIATURE AT-CUT
SMD CRYSTAL
+44(0)1460 230000
+44(0)1460 230001
sales@euroquartz.co.uk
www.euroquartz.co.uk
Telephone:
Fax:
Email:
Web:
EUROQUARTZ
CX MINIATURE CRYSTALS
Page
2of2




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ABM3CMICROPROCESSOR CRYSTALS ULTRA MINIATURE CERAMIC SURFACE MOUNT 1 Abracon Corporation
CX-1-03CX MINIATURE CRYSTALS 1 2 EUROQUARTZ limited
CX-1-03-32CX MINIATURE CRYSTALS 1 2 EUROQUARTZ limited
ABMC2MICROPROCESSOR CRYSTALS CERAMIC SURFACE MOUNT MINIATURE 1 Abracon Corporation
CX-1H-03CX MINIATURE CRYSTALS 1 2 EUROQUARTZ limited
CX-1HG-SMCX MINIATURE CRYSTALS 1 2 EUROQUARTZ limited
CX-1H-SMCX MINIATURE CRYSTALS 1 2 EUROQUARTZ limited
CX-1-SMCX MINIATURE CRYSTALS 1 2 EUROQUARTZ limited
ABUCOMMUNICATION CRYSTALS ULTRA MINIATURE 1 Abracon Corporation
PLL602-30750kHz - 800MHz Low Phase Noise XO for 12 - 25MHz Crystals 1 2 3 4 5 MorePhaseLink Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl