Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFR25H0008JR5 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MFR25H0008JR5
Description  Fusible, Non-Flammable Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MFR25H0008JR5 Datasheet(HTML) 3 Page - Vishay Siliconix

  MFR25H0008JR5 Datasheet HTML 1Page - Vishay Siliconix MFR25H0008JR5 Datasheet HTML 2Page - Vishay Siliconix MFR25H0008JR5 Datasheet HTML 3Page - Vishay Siliconix MFR25H0008JR5 Datasheet HTML 4Page - Vishay Siliconix MFR25H0008JR5 Datasheet HTML 5Page - Vishay Siliconix MFR25H0008JR5 Datasheet HTML 6Page - Vishay Siliconix MFR25H0008JR5 Datasheet HTML 7Page - Vishay Siliconix MFR25H0008JR5 Datasheet HTML 8Page - Vishay Siliconix MFR25H0008JR5 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.vishay.com
For technical questions, contact: filmresistors.leaded@vishay.com
Document Number: 28737
128
Revision: 21-Feb-08
NFR25/25H
Vishay BCcomponents
Fusible, Non-Flammable Resistors
DIMENSIONS
MARKING
The nominal resistance and tolerance are marked on the
resistor using four coloured bands in accordance with
IEC publication 60062 “Color codes for fixed resistors”.
For ease of recognition a fifth ring is added, which is violet for
type NFR25 and white for type NFR25H.
OUTLINES
The length of the body (L1) is measured by inserting the
leads into holes of two identical gauge plates and moving
these plates parallel to each other until the resistor body is
clamped without deformation (“IEC publication 60294”).
FUNCTIONAL PERFORMANCE
PRODUCT CHARACTERIZATION
Standard values of nominal resistance are taken from the
E24 series for resistors with a tolerance of ± 5 %.
The values of the E24 series are in accordance with
“IEC publication 60063”.
Note:
(1) The maximum voltage that may be continuously applied to the resistor element, see “IEC publication 60115-1”.
The maximum permissible hot-spot temperature is 155 °C.
Ø D
L1
L2
Ø d
Outline
DIMENSIONS - resistor types and relevant physical dimensions
TYPE
Ø Dmax.
L1 max.
L2 max.
Ø d
NFR25
2.5
6.5
7.5
0.58 ± 0.05
NFR25H
MASS PER 100 UNITS
TYPE
MASS
(g)
NFR25
20.1
NFR25H
20.1
LIMITING VALUES
TYPE
LIMITING VOLTAGE (1)
(V)
LIMITING POWER
(W)
NFR25
250
0.33
NFR25H
350
0.5


Similar Part No. - MFR25H0008JR5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MFR25S ETC1-MFR25S Datasheet
36Kb / 2P
   Metal Film Resistors Normal & Miniature Style
More results

Similar Description - MFR25H0008JR5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NFR25 VISHAY-NFR25 Datasheet
96Kb / 8P
   Fusible, Non-Flammable Resistors
Revision: 24-Feb-04
NFR25H0001008JA500 VISHAY-NFR25H0001008JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JA500 VISHAY-NFR25H0004707JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JR500 VISHAY-NFR25H0004707JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004708JR500 VISHAY-NFR25H0004708JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
logo
List of Unclassifed Man...
KH15 ETC-KH15 Datasheet
954Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
KR80 ETC-KR80 Datasheet
897Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
logo
UNIOHM CORPORATION
R-10W UNIOHM-R-10W Datasheet
488Kb / 1P
   Power Type Wire Wound Resistors Non Flammable Wire Wound Resistor
logo
3M Electronics
98NF 3M-98NF Datasheet
273Kb / 2P
   Hi- Strength Non-Flammable 98NF Adhesive
logo
Stackpole Electronics, ...
EWT SEI-EWT Datasheet
286Kb / 4P
   Non-Flammable Edgewound Tubular Wirewound Resistor
08/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com