Electronic Components Datasheet Search
Selected language     English  ▼


CX-1C-031.0 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part No. CX-1C-031.0
Description  CX MINIATURE CRYSTALS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EUROQUARTZ [EUROQUARTZ limited]
Homepage  http://www.euroquartz.co.uk
Logo 

   
 1 page
background image
General Description
The CX-1 quartz crystal is a high quality extensional mode
resonator. The CX-1 is hermetically sealed in a rugged, miniature
ceramic package, a quarter of the size of an eight pin dual-in-line
package. The crystal is manufactured utilizing a photo-lithographic
process, ensuring consistency and repeatability of electrical
characteristics.
Outline and Dimensions







Extensional mode
Ideal for use with microprocessors
Designed for low-power applications
Compatible with hybrid packaging
Low ageing
Full military environmental testing available
Ideal for battery operated applications
Frequency Range:
Functional Mode:
Calibration Tolerance*:
Load Capacitance:
Motional Resistance (R ):
Motional Capacitance (C ):
Quality Factor (Q):
Shunt Capacitance (C ):
Drive Level:
Turning Point (T )**:
Temperature Coefficient (k):
530kHz to 2.1MHz
Extensional
A
±0.05% (±500ppm)
B
±0.1%
C
±1.0%
7pF
3k max.
1.2fF
150,000
1.0pF max.
3 W max.
35°C
-0.035ppm/°C




W
m
2
Specification

LR
C
C



12
R
L

CC
Mot ional Resistance
Motional Capacitance
Motional Inductance
Shunt Capacitance
Equivalent Circuit
CX-1-03
530kHz to 2.1MHz
MINIATURE QUARTZ CRYSTAL
FOR PARALLEL OSCILLATORS
CX-1-03
530kHz to 2.1MHz
MINIATURE QUARTZ CRYSTAL
FOR PARALLEL OSCILLATORS
Ageing, first year:
Shock:
Vibration, survival:
Operating Temperature:
Storage Temperature:
Process Temperature:
±5ppm max.
750g 0.3ms, ½ sine
10g rms 10-1,000Hz random
-10°~+70°C (commercial)
-40°~+85°C (industrial)
-55°~+125°C (military)
-55°C~+125°C
Lead to Package temp. not to
exceed 175°C
Glass lid to package seal rim
temp. not to exceed 210°C
Specifications are typical at 25°C unless otherwise indicated.
*
Closer calibration available
**
Other turning point available
Note: Frequency deviation (f) from frequency (fo) @ turning point
temperature (To):
f-fo
fo
= k(T-To)
2.0
3.8
8.1
7.6
3.8
0.7
+44(0)1460 230000
+44(0)1460 230001
sales@euroquartz.co.uk
www.euroquartz.co.uk
Telephone:
Fax:
Email:
Web:
EUROQUARTZ
CX MINIATURE CRYSTALS
Page
1of2




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ABM3CMICROPROCESSOR CRYSTALS ULTRA MINIATURE CERAMIC SURFACE MOUNT 1 Abracon Corporation
ABMC2MICROPROCESSOR CRYSTALS CERAMIC SURFACE MOUNT MINIATURE 1 Abracon Corporation
ABUCOMMUNICATION CRYSTALS ULTRA MINIATURE 1 Abracon Corporation
PLL602-30750kHz - 800MHz Low Phase Noise XO for 12 - 25MHz Crystals 1 2 3 4 5 MorePhaseLink Corporation
AWS200S2.0mm and 2.5mm Plastic SMD Crystals 1 List of Unclassifed Manufacturers
XT57C_07Quartz Crystals 1 2 3 Vishay Siliconix
LM3208650mA Miniature Adjustable Step-Down DC-DC Converter for RF Power Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
240_065x25mm MINIATURE FUSES 1 2 Littelfuse
ZXTEM322_06MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR 1 2 3 4 5 MoreZetex Semiconductors
NRBXMiniature Aluminum Electrolytic Capacitors 1 NIC-Components Corp.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl