Selected language     English  ▼


CX-1C-0332I Datasheet(PDF) 2 Page - EUROQUARTZ limited

Part No. CX-1C-0332I
Description  CX MINIATURE CRYSTALS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EUROQUARTZ [EUROQUARTZ limited]
Homepage  http://www.euroquartz.co.uk
Logo 

   
 2 page
background image
CX-1-03
8MHz to 160MHz
MINIATURE AT-CUT
QUARTZ CRYSTAL
CX-1-03
8MHz to 160MHz
MINIATURE AT-CUT
QUARTZ CRYSTAL
Typical HCMOS Pierce Oscillator
A conventional HCMOS Pierce oscillator is shown below. The
crystal oscillates at a frequency f above the crystal’s series-
resonant frequency. The crystal is effectively inductive and in
combination with R , C and C in the feedback loop, provides
approximately 180° of the phase shift necessary to ensure
oscillation.
O
F1
2
Order Code
CX-1
“S” if special
or custom design
Blank if standard
Frequency
Side leads
Calibration
Tolerance*
@ 25°C
A, B, C
32MHz
-03
Circuit Design
Conventional HCMOS Pierce Oscillator Circuit
CX-1
Buffer
Amplifier
Osc.
Freq. (Fo)
C
C
C5
RB
R)
CX-1-03 -Bulk Pack (Standard)
Tray Pack (Optional)
Packaging
Temperature
Range:
C = Commercial
I = Industrial
M = Military
S = Specify
( A / 25ppm / 50ppm / I )
O.T.=3rd O.T. Mode
Blank = Fundamental
C = Ceramic Lid
Blank = Glass Lid
Frequency
Stability
over
Temperature
Range
Total
Frequency
Tolerance
*For other calibration tolerances
enter figure in ppm
+44(0)1460 230000
+44(0)1460 230001
sales@euroquartz.co.uk
www.euroquartz.co.uk
Telephone:
Fax:
Email:
Web:
EUROQUARTZ
CX MINIATURE CRYSTALS
Page
2of2




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ABM3CMICROPROCESSOR CRYSTALS ULTRA MINIATURE CERAMIC SURFACE MOUNT 1 Abracon Corporation
CX-1-03CX MINIATURE CRYSTALS 1 2 EUROQUARTZ limited
ABMC2MICROPROCESSOR CRYSTALS CERAMIC SURFACE MOUNT MINIATURE 1 Abracon Corporation
ABUCOMMUNICATION CRYSTALS ULTRA MINIATURE 1 Abracon Corporation
PLL602-30750kHz - 800MHz Low Phase Noise XO for 12 - 25MHz Crystals 1 2 3 4 5 MorePhaseLink Corporation
AWS200S2.0mm and 2.5mm Plastic SMD Crystals 1 List of Unclassifed Manufacturers
XT57C_07Quartz Crystals 1 2 3 Vishay Siliconix
ATS645LSHTrue Zero Speed Miniature Gear Tooth Sensor 1 2 3 4 5 MoreAllegro MicroSystems
231_16.3x32 mm MINIATURE FUSES 1 2 Littelfuse
UM-1_07Miniature resistance weld package 1 2 3 MTRONPTI

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl