Selected language     English  ▼


CX-1C-0332I Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part No. CX-1C-0332I
Description  CX MINIATURE CRYSTALS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EUROQUARTZ [EUROQUARTZ limited]
Homepage  http://www.euroquartz.co.uk
Logo 

   
 1 page
background image
CX-1-03
8MHz to 160MHz
MINIATURE AT-CUT
QUARTZ CRYSTAL
CX-1-03
8MHz to 160MHz
MINIATURE AT-CUT
QUARTZ CRYSTAL
The CX-1 quartz crystal is a high quality miniature AT-cut
resonator. The CX-1 is hermetically sealed in a rugged, miniature
ceramic package, a quarter of the size of an eight pin dual-in-line
package. The crystal is manufactured utilizing a photo-lithographic
process, ensuring consistency and repeatability of electrical
characteristics.
Outline and Dimensions





Low-profile hermetically sealed package
Excellent ageing characteristics
Fundamental or 3rd Overtone mode
High shock resistance
Full military environmental testing available
Frequency Range:
Calibration Tolerance*:
Load Capacitance:
Motional Resistance (R ):
Motional Capacitance (C ):
Quality Factor (Q):
Shunt Capacitance (C ):
Drive Level:
Temperature Stability**:
Ageing, first year:
Shock, survival***:
Vibration, survival:
Operating Temperature:
Storage Temperature:
Process Temperature:
8MHz to 160MHz
A ±0.01% (±100ppm)
B ±0.1%
C ±1.0%
20pF (unless other required)
See table
See table
See table
See table
500 W max.
-10° to +70°C (Commercial)
-40° to +85°C (Industrial)
-55° to +125°C (Military)
±5ppm max.
3000g 0.3ms, ½ sine
20g rms 10-2,000Hz random
-10°~+70°C (commercial)
-40°~+85°C (industrial)
-55°~+125°C (military)
-55°C~+125°C
Lead to Package temp. not to
exceed 175°C
Glass lid to package seal rim
temp. not to exceed 210°C
Specifications are typical at 25°C unless otherwise indicated.
The characteristics of the frequency stability parameter follow that of
AT-cut, thickness-shear mode crystals.
*
Closer calibration available, as low as ±5ppm
**
Does not include calibration tolerance
**
A higher shock version is available, refer to data sheet for
the model CX-1HG



m
Specification

LR
C
C



12
R
L

CC
Mot ional Resistance
Motional Capacitance
Motional Inductance
Shunt Capacitance
Equivalent Circuit
Frequency
10.0MHz
50
5.5
80
2.2
32MHz
20
7.8
36
2.6
155MHz
50
0.5
41
3.2
CX-1 Motional Parameters, Q and C

Motional
Resistance
R( )

9
Motional
Capacitance
C (fF)

Quality
Factor
‘000s
Shunt
Capacitance
C (pF)

Standard Frequencies (MHz)
10.0
19.6608
32.0
11.0592
20.0
35.2512
12.0
24.0
36.0
14.318
24.576
40.0
16.0
30.0
2.0
3.8
8.1
7.6
3.8
0.7
General Description
+44(0)1460 230000
+44(0)1460 230001
sales@euroquartz.co.uk
www.euroquartz.co.uk
Telephone:
Fax:
Email:
Web:
EUROQUARTZ
CX MINIATURE CRYSTALS
Page
1of2




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ABM3CMICROPROCESSOR CRYSTALS ULTRA MINIATURE CERAMIC SURFACE MOUNT 1 Abracon Corporation
CX-1-03CX MINIATURE CRYSTALS 1 2 EUROQUARTZ limited
ABMC2MICROPROCESSOR CRYSTALS CERAMIC SURFACE MOUNT MINIATURE 1 Abracon Corporation
ABUCOMMUNICATION CRYSTALS ULTRA MINIATURE 1 Abracon Corporation
PLL602-30750kHz - 800MHz Low Phase Noise XO for 12 - 25MHz Crystals 1 2 3 4 5 MorePhaseLink Corporation
AWS200S2.0mm and 2.5mm Plastic SMD Crystals 1 List of Unclassifed Manufacturers
XT57C_07Quartz Crystals 1 2 3 Vishay Siliconix
ATS645LSHTrue Zero Speed Miniature Gear Tooth Sensor 1 2 3 4 5 MoreAllegro MicroSystems
231_16.3x32 mm MINIATURE FUSES 1 2 Littelfuse
UM-1_07Miniature resistance weld package 1 2 3 MTRONPTI

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl