Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX-2OTC-03B Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # CX-2OTC-03B
Description  CX MINIATURE CRYSTALS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

CX-2OTC-03B Datasheet(HTML) 1 Page - EUROQUARTZ limited

  CX-2OTC-03B Datasheet HTML 1Page - EUROQUARTZ limited CX-2OTC-03B Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Description
The CX-2 AT-cut quartz crystal is a high quality, miniature
resonator, hermetically sealed in a rugged, miniature ceramic
package, a quarter the size of an eight pin dual-in-line. The CX-2
crystal is manufactured utilizing a photo-lithographic process,
ensuring consistency and repeatability of electrical characteristics.
Outline and Dimensions
6.60
1.27
5.21
A
3
1
2
-02 End Lead
1
2
2
3
-03SideLead
1
2
2
3
-04SideLead
5.08
2.54
5.33
2.39
2.39
6.60
6.60






Low-profile, hermetically sealed package
Available with glass or ceramic lid
High shock and vibration resistance
Low ageing
Custom designs available
Full military environmental testing available
Frequency Range:
Motional Resistance (R ):
Motional Capacitance (C ):
Quality Factor (Q):
Shunt Capacitance (C ):
Calibration Tolerance*:
Load Capacitance:
Drive Level:
Temperature Stability**:
Ageing, first year:
Shock, survival***:
Vibration, survival:
Operating Temperature:
Storage Temperature:
Process Temperature:
9.6MHz to 70MHz Fund.
70MHz to 160MHz 3rd O/T
see table.
see table
see table
see table
A ±0.01% (±100ppm)
B ±0.1%
C ±1.0%
20pF (or other as specified)
500 W max.
-10° to +70°C from ±10ppm
-40° to +85°C from ±20ppm
-55° to +125°C from ±30ppm
±5ppm max.
3,000g 0.2ms, ½ sine
20g rms 10 - 2,000Hz
-10°~+70°C (commercial)
-40°~+85°C (industrial)
-55°~+125°C (military)
-55°C~+125°C
Lead to Package temp. not to
exceed 175°C
Glass lid to package seal rim
temp. not to exceed 210°C
Specifications are typical at 25°C unless otherwise indicated.
Note: temperature stability characteristics follow that of AT-cut
thickness-shear mode.
*
Closer calibration available, from ±5ppm
**
Does not include calibration tolerance
*** Higher shock version available



m
Specification

LR
C
C



12
R
L

CC
Mot ional Resistance
Motional Capacitance
Motional Inductance
Shunt Capacitance
Equivalent Circuit
CX-2
9.6MHz to 160MHz
MINIATURE AT-CUT
QUARTZ CRYSTAL
CX-2
9.6MHz to 160MHz
MINIATURE AT-CUT
QUARTZ CRYSTAL
Notes:
1. Terminal 1 is electrically connected to terminal 3.
2. Lead Dimensions: width 0.33mm typical, thickness 0.18mm.
3. A =
Glass Lid - 2.03mm max.
Ceramic Lid - 2.41mm max.
Frequency
10.0MHz
60
2.8
95
1.4
32MHz
20
7.8
36
2.4
155MHz
50
0.5
41
3.2
CX-2 Motional Parameters, Q and C

Motional
Resistance
R( )

9
Motional
Capacitance
C (fF)

Quality
Factor
‘000s
Shunt
Capacitance
C (pF)

+44(0)1460 230000
+44(0)1460 230001
sales@euroquartz.co.uk
www.euroquartz.co.uk
Telephone:
Fax:
Email:
Web:
EUROQUARTZ
CX MINIATURE CRYSTALS
Page
1of2


Similar Part No. - CX-2OTC-03B

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX-2OTC-SM132A EUROQUARTZ-CX-2OTC-SM132A Datasheet
115Kb / 2P
   CX MINIATURE CRYSTALS
CX-2OTC-SM132B EUROQUARTZ-CX-2OTC-SM132B Datasheet
115Kb / 2P
   CX MINIATURE CRYSTALS
CX-2OTC-SM132C EUROQUARTZ-CX-2OTC-SM132C Datasheet
115Kb / 2P
   CX MINIATURE CRYSTALS
CX-2OTC-SM232A EUROQUARTZ-CX-2OTC-SM232A Datasheet
115Kb / 2P
   CX MINIATURE CRYSTALS
CX-2OTC-SM232B EUROQUARTZ-CX-2OTC-SM232B Datasheet
115Kb / 2P
   CX MINIATURE CRYSTALS
More results

Similar Description - CX-2OTC-03B

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX-1H-SM EUROQUARTZ-CX-1H-SM Datasheet
118Kb / 2P
   CX MINIATURE CRYSTALS
CX-3V-SM EUROQUARTZ-CX-3V-SM Datasheet
125Kb / 2P
   CX MINIATURE CRYSTALS
CX-1HG-SM EUROQUARTZ-CX-1HG-SM Datasheet
111Kb / 2P
   CX MINIATURE CRYSTALS
CX-2H-SM EUROQUARTZ-CX-2H-SM Datasheet
119Kb / 2P
   CX MINIATURE CRYSTALS
CX-2-SM1 EUROQUARTZ-CX-2-SM1 Datasheet
115Kb / 2P
   CX MINIATURE CRYSTALS
CX-3-SM1 EUROQUARTZ-CX-3-SM1 Datasheet
119Kb / 2P
   CX MINIATURE CRYSTALS
CX-6V-SM1 EUROQUARTZ-CX-6V-SM1 Datasheet
100Kb / 2P
   CX MINIATURE CRYSTALS
CX-6V-SM EUROQUARTZ-CX-6V-SM Datasheet
111Kb / 2P
   CX MINIATURE CRYSTALS
CX-2 EUROQUARTZ-CX-2 Datasheet
112Kb / 2P
   CX MINIATURE CRYSTALS
CX-4V-SM EUROQUARTZ-CX-4V-SM Datasheet
98Kb / 2P
   CX MINIATURE CRYSTALS
CX-6-SM1 EUROQUARTZ-CX-6-SM1 Datasheet
126Kb / 2P
   CX MINIATURE CRYSTALS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com