Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1882AJCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD1882AJCPZ
Description  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1882AJCPZ Datasheet(HTML) 4 Page - Analog Devices

  AD1882AJCPZ Datasheet HTML 1Page - Analog Devices AD1882AJCPZ Datasheet HTML 2Page - Analog Devices AD1882AJCPZ Datasheet HTML 3Page - Analog Devices AD1882AJCPZ Datasheet HTML 4Page - Analog Devices AD1882AJCPZ Datasheet HTML 5Page - Analog Devices AD1882AJCPZ Datasheet HTML 6Page - Analog Devices AD1882AJCPZ Datasheet HTML 7Page - Analog Devices AD1882AJCPZ Datasheet HTML 8Page - Analog Devices AD1882AJCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Rev. 0
|
Page 4 of 20
|
August 2008
AD1882A
SPECIFICATIONS
TEST CONDITIONS
PERFORMANCE
GENERAL SPECIFICATIONS
Parameter
Test Condition
Temperature
Digital Supply
Analog Supply
MIC_BIAS_IN (via Low-Pass Filter)
Sample Rate fS
Input Signal (Frequency Sine Wave)
Amplitude for THD + N
Analog Output Pass Band
25°C
3.3 V
3.3 V
5.0 V
48 kHz
1008 Hz
–3.0 dB Full Scale
20 Hz to 20 kHz
DAC
10 k
Ω Output Load: Line-Out Tests
32
Ω Output Load: Headphone Tests
ADC
0 dB Gain
Parameter
Min
Typ
Max
Unit
Line-Out Drive (10 k
Ω Loads—DAC to Pin)
Total Harmonic Distortion (THD + N)
Dynamic Range (–60 dB in Ref to fS A-Weighted)
Signal-to-Noise Ratio
–85
95
95
dB
dB
dB
Headphone Drive (32
Ω Loads—DAC to Pin)
Total Harmonic Distortion (THD + N)
Dynamic Range (–60 dB in Ref to fS A-Weighted)
Signal-to-Noise Ratio
–83
95
95
dB
dB
dB
Input Ports (Pin to ADC, Mic Boost = 0 dB)
Total Harmonic Distortion (THD + N)
Dynamic Range (–60 dB in Ref to fS A-Weighted)
Signal-to-Noise Ratio
–81
90
90
dB
dB
dB
Parameter
Min
Typ
Max
Unit
DIGITAL DECIMATION AND INTERPOLATION FILTERS—fS = 8 kHz to 96 kHz
1
Pass Band
0
0.4 f
S
Hz
Pass-Band Ripple
±0.005
dB
Stop Band
0.6 fS
Hz
Stop-Band Rejection
dB
Group Delay
+20
–100
1/fS
Group Delay Variation Over Pass Band
0
μs
ANALOG-TO-DIGITAL CONVERTERS
Resolution
24
Bits
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)
2
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.5
dB
ADC Offset Error
1
±5mV
ADC Crosstalk1
Line Inputs (Input L, Ground R, Read R; Input R, Ground L, Read L)
–85
dB
Line Inputs to Other
–100
–80
dB


Similar Part No. - AD1882AJCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882JCPZ-RL1 AD-AD1882JCPZ-RL1 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882JCPZ1 AD-AD1882JCPZ1 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results

Similar Description - AD1882AJCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com