Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1989B Datasheet(PDF) 6 Page - Analog Devices

Part # AD1989B
Description  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1989B Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1989B Datasheet HTML 2Page - Analog Devices AD1989B Datasheet HTML 3Page - Analog Devices AD1989B Datasheet HTML 4Page - Analog Devices AD1989B Datasheet HTML 5Page - Analog Devices AD1989B Datasheet HTML 6Page - Analog Devices AD1989B Datasheet HTML 7Page - Analog Devices AD1989B Datasheet HTML 8Page - Analog Devices AD1989B Datasheet HTML 9Page - Analog Devices AD1989B Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Rev. 0
|
Page 6 of 20
|
August 2008
AD1989B
GPIO_0, GPIO_1, and GPIO_2
Input Signal High (VIH)DVGPIO
× 0.60
DVGPIO
V
Input Signal Low (VIL)0
DVGPIO
× 0.24 V
Output Signal High (VOH)
IOUT = –500
μADVGPIO × 0.72
DVGPIO
V
Output Signal Low (VOL)IOUT = +1500
μA0
DVGPIO
× 0.10 V
Input Leakage Current (Signal High) (IIH)
–150
nA
Input Leakage Current (Signal Low) (IIL)–50
μA
S/PDIF-Out_1, S/PDIF-Out_2
Output Signal High (VOH)
IOUT = –500
μADVGPIO × 0.72
DVGPIO
V
Output Signal Low (VOL)IOUT = +1500
μA0
DVGPIO
× 0.10 V
S/PDIF_IN
Input Signal High (VIH)DVGPIO
× 0.60
DVGPIO
V
Input Signal Low (VIL)0
DVGPIO
× 0.24 V
Input Leakage Current (Signal High) (IIH)
150
nA
Input Leakage Current (Signal Low) (IIL)–50
μA
POWER SUPPLY
Analog (AVDD) 3.3 V
± 5%
Power Supply Range
Power Dissipation
Supply Current
3.13
3.30
162
49
3.46
V
mW
mA
Digital (DVDD) 3.3 V
± 10%
Power Supply Range
Power Dissipation
Supply Current
2.97
3.30
241
73
3.63
V
mW
mA
Digital I/O (DVIO) 3.3 V
± 10%
Power Supply Range
Power Dissipation
Supply Current
2.97
3.30
0.66
0.20
3.63
V
mW
mA
Digital I/O (DVIO) 1.5 V
± 5.5%
Power Supply Range
Power Dissipation
Supply Current
1.42
1.50
0.03
0.20
1.58
V
mW
mA
Digital GPIO (DVGPIO) 3.3 V
± 10%
Power Supply Range
Power Dissipation
Supply Current
2.97
3.30
3.63
1.10
3.63
V
mW
mA
Power Supply Rejection (Reference to fS 100 mV p-p Signal @ 1 kHz)
1
80
dB
1 Guaranteed but not tested.
2 Measurements reflect main ADC.
3 RMS values assume sine wave input.
Parameter
Min
Typ
Max
Unit


Similar Part No. - AD1989B

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
AD1989B CONEXANT-AD1989B Datasheet
672Kb / 2P
   Ten 192 kHz, 101 dB DACs
More results

Similar Description - AD1989B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com