Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1989BJCPZ-RL Datasheet(PDF) 1 Page - Analog Devices

Part # AD1989BJCPZ-RL
Description  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1989BJCPZ-RL Datasheet(HTML) 1 Page - Analog Devices

  AD1989BJCPZ-RL Datasheet HTML 1Page - Analog Devices AD1989BJCPZ-RL Datasheet HTML 2Page - Analog Devices AD1989BJCPZ-RL Datasheet HTML 3Page - Analog Devices AD1989BJCPZ-RL Datasheet HTML 4Page - Analog Devices AD1989BJCPZ-RL Datasheet HTML 5Page - Analog Devices AD1989BJCPZ-RL Datasheet HTML 6Page - Analog Devices AD1989BJCPZ-RL Datasheet HTML 7Page - Analog Devices AD1989BJCPZ-RL Datasheet HTML 8Page - Analog Devices AD1989BJCPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
High Definition Audio
SoundMAX Codec
AD1989B
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Ten 192 kHz, 101 dB DACs
7.1 surround sound plus independent headphone
All independent sample rates, 8 kHz through 192 kHz
Selectable stereo mixer on outputs
16-, 20-, and 24-bit resolution
Six 192 kHz, 92 dB ADCs
Simultaneous record of up to 3 stereo channels
All independent sample rates, 8 kHz through 192 kHz
16-, 20-, and 24-bit resolution
S/PDIF output
2 independent transmitters, second S/PDIF can support
external HDMI interface
Supports 44.1 kHz through 192 kHz sample rates
16-, 20-, and 24-bit data; PCM, and AC3 formats
Digital PCM gain control
S/PDIF input
Supports 44.1 kHz through 192 kHz sample rates
16-, 20-, and 24-bit data; PCM, and AC3 formats
Digital PCM gain control
Auto synchronizes to source sample rate
Dedicated auxiliary pins
Stereo CD/auxiliary I/O port w/GND sense
MONO_OUT pin for internal speaker with EAPD support
Microsoft Vista Premium® logo compliant
Support up to 9 audio jacks
Impedance and presence detection; retasking
5 adjustable microphone bias pins
Digital and analog PCBeep
3 general-purpose digital I/O (GPIO) pins
Multiple EAPD pins for external circuit control
3.3 V analog and digital supply voltages
1.5 V and 3.3 V HD Audio link signaling
Advanced power management modes
Figure 1. AD1989B Block Diagram
ADC0
ADC1
AD1989B
GPIO
AND
EAPD
ADC2
PORT C
PORT B
PORT A
PORT E
PORT D
PORT G
PORT F
MONO OUT
S/PDIF Tx
S/PDIF Tx
S/PDIF Rx
H
D
A
U
D
I
O
I
N
T
E
R
F
A
C
E
DIGITAL
AND ANALOG
PCBEEP
DAC0
DAC1
DAC2
DAC3
PORT H
DAC4
S/PDIF OUT 1
S/PDIF OUT 2 (HDMI)
S/PDIF IN


Similar Part No. - AD1989BJCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
AD1989B CONEXANT-AD1989B Datasheet
672Kb / 2P
   Ten 192 kHz, 101 dB DACs
More results

Similar Description - AD1989BJCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com