Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5100YRQZ-RL7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5100YRQZ-RL7
Description  System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5100YRQZ-RL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5100YRQZ-RL7 Datasheet HTML 3Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 4Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 5Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 6Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 7Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 8Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 9Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 10Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
AD5100
Rev. 0 | Page 7 of 36
TIMING SPECIFICATIONS
Table 3.
Parameter
Description
Min
Typ
Max
Unit
I2C INTERFACE TIMING CHARACTERISTICS1, 2
fSCL
SCL clock frequency
400
kHz
t1
tBUF, bus free time between start and stop
1.3
μs
t2
tHD;STA, hold time after (repeated) start condition; after this
period, the first clock is generated
0.6
μs
t3
tLOW, low period of SCL clock
1.3
μs
t4
tHIGH, high period of SCL clock
0.6
50
μs
t5
tSU;STA, setup time for start condition
0.6
μs
t6
tHD;DAT, data hold time
0.9
μs
t7
tSU;DAT, data setup time
0.1
μs
t8
tF, fall time of both SDA and SCL signals
0.3
μs
t9
tR, rise time of both SDA and SCL signals
0.3
μs
t10
tSU;STO, setup time for stop condition
0.6
μs
1 Guaranteed by design and not subject to production test.
2 See Figure 2.
SCL
t2
t3
t4
t7
t5
t10
t2
t8
t1
PS
SP
t9
t6
t8
SDA
t9
Figure 2. Digital Interface Timing Diagram


Similar Part No. - AD5100YRQZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5100YRQZ-RL7 AD-AD5100YRQZ-RL7 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
More results

Similar Description - AD5100YRQZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5100 AD-AD5100 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100 AD-AD5100_15 Datasheet
455Kb / 36P
   System Management IC with Factory Programmed Quad Voltage Monitoring and Supervisory Functions
REV. A
logo
Texas Instruments
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com