Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5762RCSUZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD5762RCSUZ
Description  Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5762RCSUZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5762RCSUZ Datasheet HTML 6Page - Analog Devices AD5762RCSUZ Datasheet HTML 7Page - Analog Devices AD5762RCSUZ Datasheet HTML 8Page - Analog Devices AD5762RCSUZ Datasheet HTML 9Page - Analog Devices AD5762RCSUZ Datasheet HTML 10Page - Analog Devices AD5762RCSUZ Datasheet HTML 11Page - Analog Devices AD5762RCSUZ Datasheet HTML 12Page - Analog Devices AD5762RCSUZ Datasheet HTML 13Page - Analog Devices AD5762RCSUZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD5762R
Rev. 0 | Page 10 of 32
ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless, otherwise noted. Transient currents of up to
100 mA do not cause SCR latch-up.
Table 4.
Parameter
Rating
AVDD to AGND, DGND
−0.3 V to +17 V
AVSS to AGND, DGND
+0.3 V to −17 V
DVCC to DGND
−0.3 V to +7 V
Digital Inputs to DGND
−0.3 V to (DVCC + 0.3 V) or +7 V,
whichever is less
Digital Outputs to DGND
−0.3 V to DVCC + 0.3 V
REFx to AGND, PGND
−0.3 V to AVDD + 0.3 V
REFOUT to AGND
AVSS to AVDD
TEMP
AVSS to AVDD
VOUTx to AGND
AVSS to AVDD
AGND to DGND
−0.3 V to +0.3 V
Operating Temperature Range
Industrial
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ max)
150°C
Lead Temperature (Soldering)
JEDEC Industry Standard
J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
32-Lead TQFP
65
12
°C/W
ESD CAUTION


Similar Part No. - AD5762RCSUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5762RCSUZ AD-AD5762RCSUZ Datasheet
495Kb / 33P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
Rev. PrA
AD5762RCSUZ AD-AD5762RCSUZ Datasheet
704Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
AD5762RCSUZ-REEL7 AD-AD5762RCSUZ-REEL7 Datasheet
495Kb / 33P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
Rev. PrA
AD5762RCSUZ-REEL7 AD-AD5762RCSUZ-REEL7 Datasheet
704Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
More results

Similar Description - AD5762RCSUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5762R AD-AD5762R_16 Datasheet
704Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
AD5764ASUZ AD-AD5764ASUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764R AD-AD5764R_08 Datasheet
768Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5764R AD-AD5764R Datasheet
1Mb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5764R AD-AD5764R_15 Datasheet
558Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. D
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764 AD-AD5764 Datasheet
266Kb / 27P
   Complete, Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrC 21-Oct-0
AD5744 AD-AD5744 Datasheet
377Kb / 27P
   Complete, Quad, 14/16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA 15-Nov-04
AD5762R AD-AD5762R Datasheet
495Kb / 33P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
Rev. PrA
AD5744R AD-AD5744R_15 Datasheet
548Kb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com