Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5734AREZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD5734AREZ
Description  Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5734AREZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5734AREZ Datasheet HTML 4Page - Analog Devices AD5734AREZ Datasheet HTML 5Page - Analog Devices AD5734AREZ Datasheet HTML 6Page - Analog Devices AD5734AREZ Datasheet HTML 7Page - Analog Devices AD5734AREZ Datasheet HTML 8Page - Analog Devices AD5734AREZ Datasheet HTML 9Page - Analog Devices AD5734AREZ Datasheet HTML 10Page - Analog Devices AD5734AREZ Datasheet HTML 11Page - Analog Devices AD5734AREZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD5724/AD5734/AD5754
Rev. 0 | Page 8 of 32
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Transient currents of up to 100 mA do not cause SCR latch-up.
Table 4.
Parameter
Rating
AVDD to GND
−0.3 V to +17 V
AVSS to GND
+0.3 V to −17 V
DVCC to GND
−0.3 V to +7 V
Digital Inputs to GND
−0.3 V to DVCC + 0.3 V or 7 V
(whichever is less)
Digital Outputs to GND
−0.3 V to DVCC + 0.3 V or 7 V
(whichever is less)
REFIN to GND
−0.3 V to +5 V
VOUTA, VOUTB, VOUTC, VOUTD to GND
AVSS to AVDD
DAC_GND to GND
−0.3 V to +0.3 V
SIG_GND to GND
−0.3 V to +0.3 V
Operating Temperature Range, TA
Industrial
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature, TJ max
105°C
24-Lead TSSOP Package
θJA Thermal Impedance
42°C/W
θJC Thermal Impedance
9°C/W
Power Dissipation
(TJ max − TA)/ θJA
Lead Temperature
JEDEC industry standard
Soldering
J-STD-020
ESD (Human Body Model)
3.5 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD5734AREZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5734AREZ AD-AD5734AREZ Datasheet
1Mb / 31P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
AD5734AREZ-REEL7 AD-AD5734AREZ-REEL7 Datasheet
1Mb / 31P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
More results

Similar Description - AD5734AREZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5724 AD-AD5724_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724R AD-AD5724R Datasheet
301Kb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
Rev. PrC
AD5724 AD-AD5724_17 Datasheet
1Mb / 31P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
AD5724R AD-AD5724R_17 Datasheet
1Mb / 33P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
AD5754 AD-AD5754_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5734 AD-AD5734_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5752 AD-AD5752_15 Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
AD5722 AD-AD5722 Datasheet
1,010Kb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. 0
AD5722R AD-AD5722R Datasheet
295Kb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
Rev. PrC
AD5722 AD-AD5722_17 Datasheet
1Mb / 31P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com