Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56725 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # DSP56725
Description  Symphony??DSP56724/DSP56725 Multi-Core Audio Processors
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56725 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button DSP56725 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56725 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56725 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56725 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56725 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56725 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56725 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56725 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56725 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
SymphonyDSP56724/ DSP56725 Multi-Core Audio Processors, Rev. 1
Freescale Semiconductor
8
1.1.5
AC Electrical Characteristics
The timing waveforms shown in the AC electrical characteristics section are tested with a VIL maximum of 0.8 V and a VIH
minimum of 2.0 V for all pins. AC timing specifications, which are referenced to a device input signal, are measured in
production with respect to the 50% point of the respective input signal’s transition. For all pins, output levels are measured with
the production test machine VOL and VOH reference levels set at 0.4 V and 2.4 V, respectively.
1.1.6
Internal Clocks
Table 5 lists the internal clocks.
• In Stop mode2
ICCS
—30
220
mA
Internal supply current1 (core only) operating at
Fsys < 250 MHz
• In Normal mode
ICCI
140
340
mA
• In Wait mode
ICCW
—90
290
mA
• In Stop mode2
ICCS
—40
240
mA
Input capacitance
CIN
10
pF
Note:
1. The Current Consumption section provides a formula to compute the estimated current requirements in Normal mode. In
order to obtain these results, all inputs must be terminated (for example, not allowed to float). Measurements are based on
synthetic intensive DSP benchmarks. The power consumption numbers in this specification are 90% of the measured
results of this benchmark. This reflects typical DSP applications. Typical internal supply current with Fsys < 200 MHz is
measured with VCORE_VDD = 1.0 V, VDD_IO = 3.3 V at TJ = 25° C. Maximum internal supply current is measured with
VCORE_VDD = 1.05 V, VIO_VDD) = 3.6 V at TJ = 100° C. Typical internal supply current with Fsys < 250 MHz is measured with
VCORE_VDD = 1.2 V, VDD_IO = 3.3 V at TJ = 25° C. Maximum internal supply current is measured with VCORE_VDD = 1.26 V,
VIO_VDD) = 3.6 V at TJ = 90° C.
2. In order to obtain these results, all inputs, which are not disconnected at Stop mode, must be terminated (that is, not allowed
to float).
Table 5. Internal Clocks
No.
Characteristics
Symbol
Min
Typ
Max
Unit
Condition
1
Comparison Frequency
Fref
2
8
MHz
Fref = Fin/NR
2
Input Clock Frequency
• with PLL enabled
• with PLL disabled
Fin
2
248
200
MHz
Table 4. DC Electrical Characteristics (Continued)
Characteristics
Symbol
Min
Typ
Max
Unit


Similar Part No. - DSP56725

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56720 FREESCALE-DSP56720 Datasheet
1,018Kb / 54P
   SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
logo
NXP Semiconductors
DSP56720 NXP-DSP56720 Datasheet
1Mb / 54P
   Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
Rev. 5, 02/2009
logo
Freescale Semiconductor...
DSP56721 FREESCALE-DSP56721 Datasheet
1,018Kb / 54P
   SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
logo
NXP Semiconductors
DSP56721 NXP-DSP56721 Datasheet
1Mb / 54P
   Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
Rev. 5, 02/2009
More results

Similar Description - DSP56725

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56720 NXP-DSP56720 Datasheet
1Mb / 54P
   Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
Rev. 5, 02/2009
logo
Freescale Semiconductor...
DSP56720 FREESCALE-DSP56720 Datasheet
1,018Kb / 54P
   SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
DSP56004 FREESCALE-DSP56004 Datasheet
617Kb / 82P
   SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
logo
NXP Semiconductors
DSP56004 NXP-DSP56004 Datasheet
909Kb / 82P
   SYMPHONY™AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
Rev. 3
logo
Active-Semi, Inc
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
   Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
   Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
   Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8846 ACTIVE-SEMI-ACT8846_17 Datasheet
1Mb / 44P
   Advanced PMU for Multi-core Application Processors
Rev 7.0, 06-Dec-2017
ACT8847_17 ACTIVE-SEMI-ACT8847_17_06 Datasheet
1Mb / 42P
   Advanced PMU for Multi-core Application Processors
REV 9, 27-June-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com